Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259B Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # ZMM5259B
Description  500mW Surface Mount Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ZMM5259B Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  ZMM5259B Datasheet HTML 1Page - TAITRON Components Incorporated ZMM5259B Datasheet HTML 2Page - TAITRON Components Incorporated ZMM5259B Datasheet HTML 3Page - TAITRON Components Incorporated ZMM5259B Datasheet HTML 4Page - TAITRON Components Incorporated ZMM5259B Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
500mW Surface Mount Zener Diodes
ZMM5221B – ZMM5267B
Rev. C/AH 2008-02-28
www.taitroncomponents.com
Page 3 of 5
Fig.1 Power Derating Curve
Ambient Temperature Ta (°C)
Normal Zener Voltage
Max. Zener impedance
Max. reverse
leakage current
VZ @ IZT
ZZT @ IZT
Zzk @ Izk
ID @ VR
P/N
Marking
Code
Nom.(V)
Min. (V)
Max. (V)
IZT (mA)
Ω
Ω
mA
µA
VR (V)
ZMM5252B
5252
24
22.80
25.20
5.2
33.0
600
0.25
0.1
18.0
ZMM5253B
5253
25
23.75
26.25
5.0
35.0
600
0.25
0.1
19.0
ZMM5254B
5254
27
25.65
28.35
4.6
41.0
600
0.25
0.1
21.0
ZMM5255B
5255
28
26.60
29.40
4.5
44.0
600
0.25
0.1
21.0
ZMM5256B
5256
30
28.50
31.50
4.2
49.0
600
0.25
0.1
23.0
ZMM5257B
5257
33
31.35
34.65
3.8
58.0
700
0.25
0.1
25.0
ZMM5258B
5258
36
34.20
37.80
3.4
70.0
700
0.25
0.1
27.0
ZMM5259B
5259
39
37.05
40.95
3.2
80.0
800
0.25
0.1
30.0
ZMM5260B
5260
43
40.85
45.15
3.0
93.0
900
0.25
0.1
33.0
ZMM5261B
5261
47
44.65
49.35
2.7
105.0
1000
0.25
0.1
36.0
ZMM5262B
5262
51
48.45
53.55
2.5
125.0
1100
0.25
0.1
39.0
ZMM5263B
5263
56
53.20
58.80
2.2
150.0
1300
0.25
0.1
43.0
ZMM5264B
5264
60
57.00
63.00
2.1
170.0
1400
0.25
0.1
46.0
ZMM5265B
5265
62
58.90
65.10
2.0
185.0
1400
0.25
0.1
47.0
ZMM5266B
5266
68
64.60
71.40
1.8
230.0
1600
0.25
0.1
52.0
ZMM5267B
5267
75
71.25
78.75
1.7
270.0
1700
0.25
0.1
56.0
Note: Marking code is available in 2008.
Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com