Electronic Components Datasheet Search
  English  ▼

X  

LANEUW Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # LANEUW
Description  Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEUW Datasheet(HTML) 7 Page - Wall Industries,Inc.

  LANEUW Datasheet HTML 1Page - Wall Industries,Inc. LANEUW Datasheet HTML 2Page - Wall Industries,Inc. LANEUW Datasheet HTML 3Page - Wall Industries,Inc. LANEUW Datasheet HTML 4Page - Wall Industries,Inc. LANEUW Datasheet HTML 5Page - Wall Industries,Inc. LANEUW Datasheet HTML 6Page - Wall Industries,Inc. LANEUW Datasheet HTML 7Page - Wall Industries,Inc. LANEUW Datasheet HTML 8Page - Wall Industries,Inc. LANEUW Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEUW Series
Single and Dual Output
2 Watt DC/DC Converter
4:1 Ultra Wide Input Range
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin (4.7uH) and Cin (220uF, ESR < 1.0Ω at
100 KHz) to simulate source impedance.
Capacitor Cin offsets possible battery impedance.
Current ripple is measured at the input terminals of the module. Measurement bandwidth is 0-500 KHz.
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47uF ceramic capacitor.
Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20MHz.
Position the load between 50mm and 75mm from the DC/DC Converter.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com