Electronic Components Datasheet Search
  English  ▼

X  

LANEUW Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANEUW
Description  Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEUW Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANEUW Datasheet HTML 1Page - Wall Industries,Inc. LANEUW Datasheet HTML 2Page - Wall Industries,Inc. LANEUW Datasheet HTML 3Page - Wall Industries,Inc. LANEUW Datasheet HTML 4Page - Wall Industries,Inc. LANEUW Datasheet HTML 5Page - Wall Industries,Inc. LANEUW Datasheet HTML 6Page - Wall Industries,Inc. LANEUW Datasheet HTML 7Page - Wall Industries,Inc. LANEUW Datasheet HTML 8Page - Wall Industries,Inc. LANEUW Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEUW Series
Single and Dual Output
2 Watt DC/DC Converter
4:1 Ultra Wide Input Range
FEATURES
● Low Cost
● 1000VDC Isolation
● Efficiency up to 80%
● Low Ripple and Noise
● MTBF > 1,000,000 Hours
● Remote ON/OFF Control
● Internal SMT Construction
● 4:1 Ultra Wide Input Range
● UL 94V-0 Package Material
● Temperature Performance –40°C to +85°C
SPECIFICATIONS: LANEUW Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Input Voltage Range (24V input models)
9
24
36
VDC
Input Voltage Range (48V input models)
18
48
75
VDC
Start Voltage 24V input models)
8
12
18
VDC
Start Voltage (48V input models)
16
24
36
VDC
Under Voltage Shutdown (24V input models)
8
VDC
Under Voltage Shutdown (48V input models)
16
VDC
Reverse Polarity Input Current
All models
0.5
A
Input Surge Voltage (1000ms) (24V input models)
-0.7
50
VDC
Input Surge Voltage (1000ms) (48V input models)
-0.7
100
VDC
Reflected Ripple Current
See Table
Short Circuit Input Power
All models
1500
mW
Input Filter
All models
Capacitor Type
OUTPUT (Vo)
Output Voltage Range
See Table
Output Voltage Accuracy
±1.0
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±1.0
±2.0
%
Load Regulation
Io = 25% to 100%
±0.5
±0.75
%
Line Regulation
Vin = Min to Max
±0.3
±0.5
%
Output Power
2
W
Output Current Range
See Table
Ripple & Noise (20MHz)
30
50
mVpk-pk
Ripple & Noise (20MHz)
Over Line, Load, and Temperature
75
mVpk-pk
Ripple & Noise (20MHz)
15
mVrms
Transient Recovery Time
25% Load Step Change
100
300
µs
Transient Response Deviation
25% Load Step Change
±3
±5
%
Temperature Coefficient
±0.01
±0.02
%/°C
REMOTE ON/OFF
Supply On
Under 0.6VDC or Open Circuit, drops down to 0VDC by 2mV/°C
Supply Off
2.7
15
VDC
Device Standby Input Current
0.1
0.2
mA
Control Input Current (On)
-1
mA
Control Input Current (Off)
1
mA
Control Common
Referenced to Negative Input
PROTECTION
Over Power Protection
120
%
Short Circuit Protection
Continuous
Input Fuse Recommendation (24V input models)
350mA Slow-Blow Type
Input Fuse Recommendation (48V input models)
135mA Slow-Blow Type
GENERAL
Efficiency
See Table
Switching Frequency
300
KHz
Isolation Voltage Rated
60 seconds
1000
VDC
Isolation Voltage Test
Flash Tested for 1 second
1100
VDC
Isolation Resistance
500VDC
1000
MΩ
Isolation Capacitance
100KHz, 1V
250
500
pF
Maximum Capacitive Load
See Table
Internal Power Dissipation
2500
mW


Similar Part No. - LANEUW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEUW WALL-LANEUW Datasheet
523Kb / 7P
RoHS Compliant
LANEUW1205R3 WALL-LANEUW1205R3 Datasheet
300Kb / 5P
3 Watts Maximum Output Power
LANEUW1205RD3 WALL-LANEUW1205RD3 Datasheet
300Kb / 5P
3 Watts Maximum Output Power
LANEUW1209R3 WALL-LANEUW1209R3 Datasheet
300Kb / 5P
3 Watts Maximum Output Power
LANEUW1212R3 WALL-LANEUW1212R3 Datasheet
300Kb / 5P
3 Watts Maximum Output Power
More results

Similar Description - LANEUW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANCW12 WALL-LANCW12 Datasheet
243Kb / 3P
Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
LANK10W WALL-LANK10W Datasheet
246Kb / 8P
2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
MDW WALL-MDW Datasheet
256Kb / 3P
Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com