Electronic Components Datasheet Search
  English  ▼

X  

CAT3604 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT3604_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 9Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 10Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT3604
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-5008 Rev. J
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, EN = VIN, CIN = COUT = 1µF, RSET = 24kΩ, TAMB = 25ºC, unless otherwise specified.
Ground Current vs. Input Voltage (1.5x mode)
0.0
1.0
2.0
3.0
4.0
5.0
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
VIN = 3.6V
all LEDs open
Supply Current vs. Input Voltage
0
20
40
60
80
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
4LEDs at 15mA
1x mode
1.5x mode
Oscillator Frequency vs. Input Voltage
0.90
0.95
1.00
1.05
1.10
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
4LEDs at 20mA
Oscillator Frequency vs. Temperature
0.90
0.95
1.00
1.05
1.10
-40 -20
0
2040 6080 100
TEMPERATURE [ºC]
VIN = 3.6V
4LEDs at 15mA
Output Resistance vs. Input Voltage (1x mode)
0
1
2
3
4
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
100mA load
Output Resistance vs. Input Voltage (1.5x mode)
2
4
6
8
10
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
25mA load
100mA load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com