Electronic Components Datasheet Search
  English  ▼

X  

CAT3604 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT3604_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 9Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 10Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 11Page - Catalyst Semiconductor CAT3604_08 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT3604
Doc. No. MD-5008 Rev. J
10
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE OUTLINE DRAWING
TQFN 16-Pad 4 x 4mm (HV4)
(1)(2)
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC standard MO-220.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/TapeandReel.pdf
E2
A3
e
b
L
A
A1
SIDE VIEW
TOP VIEW
BOTTOM VIEW
E
D
PIN#1 INDEX AREA
PIN#1 ID
DETAIL A
DETAIL A
FRONT VIEW
A1
A
D2
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20 REF
b
0.25
0.30
0.35
D
3.90
4.00
4.10
D2
2.00
–
2.25
E
3.90
4.00
4.10
E2
2.00
–
2.25
e
0.65 BSC
L
0.45
–
0.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com