Electronic Components Datasheet Search
  English  ▼

X  

2RI60E Datasheet(PDF) 2 Page - Fuji Electric

Part # 2RI60E
Description  POWER DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2RI60E Datasheet(HTML) 2 Page - Fuji Electric

  2RI60E Datasheet HTML 1Page - Fuji Electric 2RI60E Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
Forward Characteristics
Forward voltage : VF [V]
Forward Average Current : IF [V]
200
160
120
80
40
0
0
0.4
0.8
1.2
1.6
2.0
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
0.03
0.05
0.1
0.3
0.5
1
2000
1600
1200
800
400
0
time : t [sec.]
0.20
130
120
110
100
90
80
70
10-3
10-2
10-1
100
101
70
60
50
40
30
20
10
0
2RI60E(2x60A)
POWER DIODE MODULE
Forward Average Current vs. Power Loss
Forward Average Current vs. Case Temperature
Surge Current
Transient Thermal Impedance
Forward Average Current : IF [V]
time : t [sec.]
0.10
0
Type.
Max.
Half sine wave
Square wave
Conduction angle
λ=120°
Square wave
Conduction angle
λ=120°
Half sine wave
Surge current
(from rated load)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com