Electronic Components Datasheet Search
  English  ▼

X  

2RI60E Datasheet(PDF) 1 Page - Fuji Electric

Part # 2RI60E
Description  POWER DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2RI60E Datasheet(HTML) 1 Page - Fuji Electric

  2RI60E Datasheet HTML 1Page - Fuji Electric 2RI60E Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2RI60E(2x60A)
POWER DIODE MODULE
600V,800V / 60A
2 in one-package
Features
· Glass Passivation Chip
· Easy Connection
· Insulated Type
Applications
· Inverters
· Battery Chargers
· DC Motors
· General Purpose DC Power Supplies
Maximum ratings and characteristics
Absolute maximum ratings
Outline Drawings, mm
Item
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Average output current
Surge current
I2t
Operating junction temperature
Storage temperature
Isolation voltage
Screw torque
Symbol
VRRM
VRSM
IO
IFSM
I2t
Tj
Tstg
Vis
Conditions
From rated load, Sine wave 10ms
From rated load
2 x 60
1200
6000
-40 to +150
-40 to +125
AC2000(1min.)
3.5
*1
Unit
V
V
A
A
A2s
°C
°C
V
N·m
50/60Hz Sine wave, Tc=113°C
Rating
-060
-080
600
800
660
880
*1: Recommendable value : 2.5 to 3.0 N·m(M5)
~
+
-
1
2
3
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Symbol
VFM
IRRM
Conditions
Tj=25°C, IFM=190A
Tj=150°C, VR=VRRM
Unit
V
mA
Min.
Typ.
Max.
1.30
20
* : With Thermal Compound
Thermal Characteristics
Min.
Typ.
Max.
Symbol
Rth(j-c)
Rth(c-f)
Conditions
Junction to case
the base to cooling fin *
0.25
0.10
Unit
°C/W
°C/W
Item
Thermal resistance
Inner Curcuit Schematic


Similar Part No. - 2RI60E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2RI60E-060 FUJI-2RI60E-060 Datasheet
137Kb / 4P
POWER DIODE MODULE
2RI60E-080 FUJI-2RI60E-080 Datasheet
137Kb / 4P
POWER DIODE MODULE
More results

Similar Description - 2RI60E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2RI150E FUJI-2RI150E Datasheet
105Kb / 4P
POWER DIODE MODULE
2RI250E FUJI-2RI250E Datasheet
106Kb / 4P
POWER DIODE MODULE
2RI60E-060 FUJI-2RI60E-060 Datasheet
137Kb / 4P
POWER DIODE MODULE
6RI100E-060 FUJI-6RI100E-060 Datasheet
125Kb / 4P
POWER DIODE MODULE
6RI100G-120 FUJI-6RI100G-120 Datasheet
128Kb / 4P
POWER DIODE MODULE
6RI30E-060 FUJI-6RI30E-060 Datasheet
120Kb / 4P
POWER DIODE MODULE
6RI50E-060 FUJI-6RI50E-060 Datasheet
117Kb / 4P
POWER DIODE MODULE
logo
List of Unclassifed Man...
2RI250E ETC2-2RI250E Datasheet
97Kb / 2P
POWER DIODE MODULE
logo
Fuji Electric
6RI100G FUJI-6RI100G Datasheet
120Kb / 2P
POWER DIODE MODULE
logo
eupec GmbH
BYM300A170DN2 EUPEC-BYM300A170DN2 Datasheet
309Kb / 5P
Diode Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com