Electronic Components Datasheet Search
  English  ▼

X  

CAT3643 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT3643
Description  3-Channel Ultra High Efficiency Quad-Mode??LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3643 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT3643 Datasheet HTML 9Page - Catalyst Semiconductor CAT3643 Datasheet HTML 10Page - Catalyst Semiconductor CAT3643 Datasheet HTML 11Page - Catalyst Semiconductor CAT3643 Datasheet HTML 12Page - Catalyst Semiconductor CAT3643 Datasheet HTML 13Page - Catalyst Semiconductor CAT3643 Datasheet HTML 14Page - Catalyst Semiconductor CAT3643 Datasheet HTML 15Page - Catalyst Semiconductor CAT3643 Datasheet HTML 16Page - Catalyst Semiconductor CAT3643 Datasheet HTML 17Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
CAT3643
© Catalyst Semiconductor, Inc.
13
Doc. No. MD-5022 Rev. E
Characteristics subject to change without notice
PACKAGE OUTLINE DRAWING
TDFN 12-Pad 3 x 3mm (HS2, HV2)
(1)(2)
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC standard MO-229.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.
E2
A3
eb
A
A1
SIDE VIEW
BOTTOM VIEW
E
D
TOP VIEW
PIN#1 INDEX AREA
PIN#1 ID
FRONT VIEW
A1
A
L
D2
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.178
0.203
0.228
b
0.18
0.23
0.30
D
2.90
3.00
3.10
D2
2.30
2.40
2.50
E
2.90
3.00
3.10
E2
1.55
1.70
1.75
e
0.45 BSC
L
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com