Electronic Components Datasheet Search
  English  ▼

X  

CAT3643 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT3643
Description  3-Channel Ultra High Efficiency Quad-Mode??LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3643 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT3643 Datasheet HTML 1Page - Catalyst Semiconductor CAT3643 Datasheet HTML 2Page - Catalyst Semiconductor CAT3643 Datasheet HTML 3Page - Catalyst Semiconductor CAT3643 Datasheet HTML 4Page - Catalyst Semiconductor CAT3643 Datasheet HTML 5Page - Catalyst Semiconductor CAT3643 Datasheet HTML 6Page - Catalyst Semiconductor CAT3643 Datasheet HTML 7Page - Catalyst Semiconductor CAT3643 Datasheet HTML 8Page - Catalyst Semiconductor CAT3643 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CAT3643
Doc. No. MD-5022 Rev. E
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN CONFIGURATION
TDFN 12-Pad 3 x 3mm
(Top View)
TQFN 16-Pad 3 x 3mm
(Top View)
1
2
3
4
13
14
15
16
8
7
6
5
12
10
9
LED2
LED3
NC
RSET
C2-
C2+
C1-
C1+
11
XQFN 12-Pad 2.5 x 2.5mm
(Top View)
1
2
3
10
11
12
6
5
4
9
7
C2-
GND
LED1
VIN
VOUT
EN/DIM
8
The CAT3643 is offered in three different packages.
The 12-pad TDFN 3mm x 3mm with a max height of
0.8mm is pin-compatible to the Catalyst CAT3603
LED driver. The 12-pad XQFN provides the smallest
footprint with a package size of 2.5mm x 2.5mm and
0.4mm max height. The 16-pad TQFN 3mm x 3mm
with max height of 0.8mm is also offered.
1
3
4
6
12
9
7
LED1
LED3
RSET
VOUT
GND
211
LED2
C2+
58
EN/DIM
C1+
C2-
C1-
VIN
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com