Electronic Components Datasheet Search
  English  ▼

X  

PSD60 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSD60
Description  60 Watt Dual Output AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSD60 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSD60 Datasheet HTML 1Page - Wall Industries,Inc. PSD60 Datasheet HTML 2Page - Wall Industries,Inc. PSD60 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSD60 Series
60 Watt
Dual Output
AC/DC Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output
Voltage
Rated
Output Current
Output
Current Range
Ripple &
Noise
Rated
Output Power
Efficiency
CH: 1
5 VDC
4A
0.3 ~ 6A
75mVp-p
PSD60-A
CH: 2
12 VDC
3A
0.2 ~ 4A
150mVp-p
56W
73%
CH: 1
5 VDC
3A
0.3 ~ 6A
75mVp-p
PSD60-B
CH: 2
85 ~ 264VAC
(120 ~ 370VDC)
24 VDC
1.8A
0.2 ~ 2.2A
150mVp-p
58W
76%
NOTES
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load, and 25°C ambient temperature.
2. Ripple & noise are measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF & 47uF parallel capacitor.
3. Tolerances include set up tolerance, line regulation, and load regulation.
4. Load regulation is measured from 20% to 100% rated load and other output at 60% rated load.
5. Each output provides up to maximum current but total load can not exceed maximum output power.
6. The power supply is considered a component, which will be installed into final equipment. The final equipment must be re-confirmed
that it still meets EMC directives.
DERATING CURVE
STATIC CHARACTERISTICS (B)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com