Electronic Components Datasheet Search
  English  ▼

X  

PSD60 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSD60
Description  60 Watt Dual Output AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSD60 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSD60 Datasheet HTML 1Page - Wall Industries,Inc. PSD60 Datasheet HTML 2Page - Wall Industries,Inc. PSD60 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSD60 Series
60 Watt
Dual Output
AC/DC Power Supply
FEATURES
● 2 Year Warranty
● LED Indicator for Power On
● 100% Full Load Burn-In Tested
● Cooling by Free Air Convection
● Universal AC Input / Full Range
● Built-In EMI Filter, Low Ripple Noise
● Fixed Switching Frequency at 54KHz
● High Efficiency, Low Working Temperature
● Soft-Start Circuit, Limiting AC Surge Current
● Short Circuit, Overload, and Over Voltage Protected
SPECIFICATIONS: PSD60 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
85 ~ 264VAC (120 ~ 370VDC)
Input Frequency
47 to 63Hz
AC Current (typical)
2A @ 115VAC
1A @ 230VAC
Inrush Current (typical)
Cold Start 20A @ 115VAC
40A @ 230VAC
Leakage Current
< 3.5mA @ 240VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power
See Table
Voltage Tolerance (See Note 3)
PSD60-A: CH.1: ±2.0%
CH.2: ±6.0%
PSD60-B: CH.1: ±2.0%
CH.2: ±5.0%
Voltage Adjustment Range
CH.1: 4.75 ~ 5.5V
Line Regulation
PSD60-A: CH.1: ±0.5%
CH.2: ±1.0%
PSD60-B: CH.1: ±0.5%
CH.2: ±0.5%
Load Regulation (See Note 4)
PSD60-A: CH.1: ±0.5%
CH.2: ±4.0%
PSD60-B: CH.1: ±0.5%
CH.2: ±4.0%
Output Current
See Table
Ripple & Noise (max) (See Note 2)
See Table
Setup, Rise Time
300ms, 50ms @ 230VAC
800ms, 50ms @ 115VAC and full load
Hold Up Time (typical)
80ms @ 230VAC
10ms @ 115VAC and full load
Temperature Coefficient
±0.03%/°C (0 ~ 50°C) on +5V output
PROTECTION
Overload Protection
105 ~ 150% rated output power
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
Over Voltage Protection
5V: 5.75 ~ 6.75V
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
GENERAL SPECIFICATIONS
Efficiency (typical)
See Table
Switching Frequency
54KHz
Withstand Voltage
3000VAC (Input to Output), 1500VAC (Input to FG), 500VAC (Output to FG)
Isolation Resistance
100MΩ/500DC (Input to Output, Input to FG, and Output to FG)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-10°C to +60°C (refer to output load derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity
20 ~ 90% RH non-condensing
Storage Humidity
10 ~ 95% RH
Cooling
Free air convection
Vibration
10 ~ 500Hz, 2G 10min./1 cycle, period for 60min each along X, Y, Z axes.
MTBF
301,200 hours min. @ 25°C (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Weight
540 grams
Dimensions
159(L) x 97(W) x 38(H) mm
Warranty
2 years
SAFETY & EMC (See Note 6)
Safety Standards
UL1012, UL60950, TUV EN60950 Approved
EMI Conduction & Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,-3
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A


Similar Part No. - PSD60

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
PSD600125 TELEDYNE-PSD600125 Datasheet
90Kb / 4P
Surface Mount Analog Level Detector 1.5 to 6.0 GHz
PSD600225 TELEDYNE-PSD600225 Datasheet
92Kb / 4P
Threshold Detector .1 to 6 GHz
More results

Similar Description - PSD60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQC60 WALL-PSAQC60 Datasheet
199Kb / 3P
For PCB Mount 60 Watt Single Output AC/DC Switching Power Supply
PSQ60 WALL-PSQ60 Datasheet
159Kb / 3P
60 Watt Quad Output AC/DC Power Supply
PSRL0601D WALL-PSRL0601D Datasheet
366Kb / 5P
300 Watt Dual Output AC/DC Switching Power Supply
PSS40 WALL-PSS40 Datasheet
157Kb / 3P
40 Watt Single Output AC/DC Power Supply
PSS60 WALL-PSS60 Datasheet
157Kb / 3P
60 Watt Single Output AC/DC Power Supply
PSS100 WALL-PSS100 Datasheet
152Kb / 3P
100 Watt Single Output AC/DC Power Supply
PSS240 WALL-PSS240 Datasheet
157Kb / 3P
240 Watt Single Output AC/DC Power Supply
DTSPU50 WALL-DTSPU50 Datasheet
158Kb / 3P
60 Watt Single Output AC/DC Desktop Power Supply
DTSPU60 WALL-DTSPU60 Datasheet
154Kb / 3P
60 Watt Single Output AC/DC Desktop Power Supply
logo
TRACO Electronic AG
TMM60 TRACOPOWER-TMM60 Datasheet
999Kb / 4P
AC/DC Power Supply TMM 60 Series, 60 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com