| Electronic Components Datasheet Search |
|
AD9220AR Datasheet(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9220AR Datasheet(HTML) 13 Page - Analog Devices |
|
13 / 32 page ![]() REV. E AD9221/AD9223/AD9220 –13– Table I. Analog Input Configuration Summary Input Input Input Range (V) Figure Connection Coupling Span (V) VINA * VINB * No. Comments Single-Ended DC 2 0 to 2 1 13, 14 Best for stepped input response applica- tions, suboptimum THD, and noise performance. Requires ±5 V op amp. 2 × VREF 0 to VREF 13, 14 Same as above but with improved noise 2 × VREF performance due to increase in dynamic range. Headroom/settling time require- ments of ±5 V op amp should be evaluated. 50 to 5 2.5 13, 14 Optimum noise performance, excellent THD performance. Requires op amp with VCC > 5 V due to headroom issue. 2 × VREF 2.5 – VREF 2.5 24 Optimum THD performance with VREF = to 1. Noise to performance improves while 2.5 + VREF THD performance degrades as VREF increases to 2.5 V. Single-supply operation (i.e., 5 V) for many op amps. Single-Ended AC 2 or 0 to 1 or 1 or VREF 15 Suboptimum ac performance due to input 2 × VREF 0 to 2 × VREF common-mode level not biased at optimum midsupply level (i.e., 2.5 V). 50 to 5 2.5 15 Optimum noise performance, excellent THD performance, ability to use ±5 V op amp. 2 × VREF 2.5 – VREF 2.5 16 Flexible input range, optimum THD to performance with VREF = 1. Noise 2.5 + VREF performance improves while THD perfor- mance degrades as VREF increases to 2.5 V. Ability to use +5 V or ±5 V op amp. Differential AC 2 2 to 3 3 to 2 19 Optimum full-scale THD and SFDR (via Transformer) performance well beyond the A/D’s Nyquist frequency. Preferred mode for under- sampling applications. 2 × VREF 2.5 – VREF/2 2.5 + VREF/2 19 Same as 2 V to 3 V input range with the to to exception that full-scale THD and SFDR 2.5 + VREF/2 2.5 – VREF/2 performance can be traded off for better noise performance. Refer to discussion in AC Coupling and Interface Issue section and Simple AC Interface section. 5 1.75 to 3.25 3.25 to 1.75 19 Optimum Noise performance. Also, the optimum THD and SFDR performance for “less than” full-scale signals (i.e., –6 dBFS). Refer to discussion in AC Coupling and Interface Issue section and Simple AC Interface section. *VINA and VINB can be interchanged if signal inversion is required. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |