| Electronic Components Datasheet Search |
|
AD9220AR Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9220AR Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 32 page ![]() REV. E AD9221/AD9223/AD9220 –17– AD828: Dual Version of AD818 Best Applications: Differential and/or Low Imped- ance Input Drivers, Low Noise, Gains ≥ +2 Limits: THD above 100 kHz AD812: Dual, 145 MHz Unity GBW, Single-Supply Cur- rent Feedback, +5 V to ±15 V Supplies Best Applications: Differential and/or Low Imped- ance Input Drivers, Sample Rates < 7 MSPS Limits: THD above 1 MHz AD8011: f–3 dB = 300 MHz, +5 V or ±5 V Supplies, Current Feedback Best Applications: Single-Supply, AC-DC-Coupled, Good AC Specs, Low Noise, Low Power (5 mW) Limits: THD above 5 MHz, Usable Input/Output Range AD8013: Triple, f–3 dB = 230 MHz, +5 V or ±5 V Supplies, Current Feedback, Disable Function Best Applications: 3:1 Multiplexer, Good AC Specs Limits: THD above 5 MHz, Input Range AD9631: 220 MHz Unity GBW, 16 ns Settling to 0.01%, ± 5 V Supplies Best Applications: Best AC Specs, Low Noise, AC-Coupled Limits: Usable Input/Output Range, Power Consumption AD8047: 130 MHz Unity GBW, 30 ns Settling to 0.01%, ±5 V Supplies Best Applications: Good AC Specs, Low Noise, AC-Coupled Limits: THD > 5 MHz, Usable Input Range AD8041: Rail-to-Rail, 160 MHz Unity GBW, 55 ns Settling to 0.01%, 5 V Supply, 26 mW Best Applications: Low Power, Single-Supply Systems, DC-Coupled, Large Input Range Limits: Noise with 2 V Input Range AD8042: Dual AD8041 Best Applications: Differential and/or Low Imped- ance Input Drivers Limits: Noise with 2 V Input Range DIFFERENTIAL MODE OF OPERATION Since not all applications have a signal preconditioned for differential operation, there is often a need to perform a single-ended-to-differential conversion. In systems that do not need to be dc-coupled, an RF transformer with a center tap is the best method to generate differential inputs for the AD9221/ AD9223/AD9220. It provides all the benefits of operating the A/D in the differential mode without contributing additional noise or distortion. An RF transformer also has the added ben- efit of providing electrical isolation between the signal source and the A/D. Note that although a single-ended-to-differential op amp topol- ogy would allow dc coupling of the input signal, no significant improvement in THD performance was realized when compared to the dc single-ended mode of operation up to the AD9221/ AD9223/AD9220’s Nyquist frequency (i.e., fIN < fS/2). Also, the additional op amp required in the topology tends to increase the total system noise, power consumption, and cost. Thus, a single-ended mode of operation is recommended for most appli- cations requiring dc coupling. A dramatic improvement in THD and SFDR performance can be realized by operating the AD9221/AD9223/AD9220 in the differential mode using a transformer. Figure 17 shows a plot of THD versus Input Frequency for the differential transformer coupled circuit for each A/D while Figure 18 shows a plot of SFDR versus Input Frequency. Both figures demonstrate the enhancement in spectral performance for the differential-mode of operation. The performance enhancement between the differen- tial and single-ended mode is most noteworthy as the input frequency approaches and goes beyond the Nyquist frequency (i.e., fIN > fS/2) corresponding to the particular A/D. The figures are also helpful in determining the appropriate A/D for Direct IF down conversion or undersampling applications. Refer to Analog Devices application notes AN-301 and AN-302 for an informative discussion on undersampling. One should select the A/D that meets or exceeds the distortion performance requirements measured over the required frequency passband. For example, the AD9220 achieves the best distortion perfor- mance over an extended frequency range as a result of its greater full-power bandwidth and thus would represent the best selec- tion for an IF undersampling application at 21.4 MHz. Refer to the Applications section of this data sheet for more detailed information and characterization of this particular application. FREQUENCY – MHz –50 –60 –90 1 100 10 –70 –80 AD9221 AD9223 AD9220 Figure 17. AD9221/AD9223/AD9220 THD vs. Input Frequency (VCM = 2.5 V, 2 V p-p Input Span, AIN = –0.5 dB) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |