Electronic Components Datasheet Search
  English  ▼

X  

MVL-914MSGC Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MVL-914MSGC
Description  JACK LEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-914MSGC Datasheet(HTML) 2 Page - Unity Opto Technology

  MVL-914MSGC Datasheet HTML 1Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 2Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 3Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 4Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 5Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 6Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 7Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 8Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Device Selection Guide
Absolute Maximum Ratings at TA=25
oC
Device Type
Parameter
DC Forward Current
20
mA
Power Dissipation
74
mW
Reverse Voltage (I
R=100µA)
5
V
LED Junction Temp.
125
oC
Operating Temp. Range
oC
Storage Temp.
oC
Solder Conditions
Preheat Temperature
Solder Temperature
MVL-914MBC
MVL-904MBC
MVL-914MTGC
MVL-904MTGC
MVL-914MSGC
MVL-904MSGC
MVL-914TUOLC
MVL-904TUOLC
MVL-914TUYLC
MVL-904TUYLC
View Angle 2
θ1/2
Part Number
MVL-914HUOLC
MVL-904HUOLC
70
(Degrees) Typ.
50
Total Flux
φv (mlm) Typ.
2500 @IF=70mA
50
70
30
50
50
60
260
oC for 5 seconds
100
oC for 30 seconds
Units
50
MVL-904HSGC
MVL-9X4HTGC
MVL-9X4HSGC
MVL-9X4HBC
MVL-9X4HW
MVL-9X4MBC
MVL-9X4MSGC
MVL-914UOLC
MVL-904UOLC
MVL-914HUYLC
MVL-904HUYLC
MVL-914UYLC
MVL-904UYLC
40
MVL-9X4MTGC
MVL-9X4MW
MVL-914MW
MVL-904MW
MVL-914HW
InGaN Signal Green
InGaN Blue
MVL-914AUYLC
[ 1.5mm ( 0.06 in. ) below seating plane ]
125
125
125
125
-20 to +80
-30 to +100
MVL-914HBC
MVL-904HBC
MVL-914ASOLC
MVL-904ASOLC
MVL-9X4TUOLC
70
AS (OMA) AlInGaP Red Orange
4000 @IF=70mA
TS AlInGaP Amber
White
InGaN True Green
1900 @IF=40mA
InGaN True Green
InGaN Signal Green
InGaN Blue
White
3500 @IF=70mA
2000 @IF=40mA
85
65
50
70
50
70
70
90
50
70
50
70
70
90
90
70
90
70
85
65
60
50
MVL-904HW
MVL-914HTGC
MVL-904HTGC
MVL-914HSGC
MVL-904AUYLC
10
70
150
10
70
182
AS (OMA) AlInGaP Amber
MVL-9X4HUOLC
MVL-9X4HUYLC
140
5
10
MVL-9X4ASOLC
MVL-9X4TUYLC
MVL-9X4AUYLC
MVL-9X4UOLC
MVL-9X4UYLC
50
120
TS AlInGaP Red
AS AlInGaP Red-Orange
AS AlInGaP Amber
LED Color
4000 @IF=70mA
800 @IF=20mA
4000 @IF=40mA
1500 @IF=40mA
2000 @IF=20mA
1500 @IF=20mA
1200 @IF=20mA
1700 @IF=50mA
2500 @IF=70mA
1700 @IF=50mA
3500 @IF=70mA
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com