Electronic Components Datasheet Search
  English  ▼

X  

MVL-914MSGC Datasheet(PDF) 7 Page - Unity Opto Technology

Part # MVL-914MSGC
Description  JACK LEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-914MSGC Datasheet(HTML) 7 Page - Unity Opto Technology

  MVL-914MSGC Datasheet HTML 1Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 2Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 3Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 4Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 5Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 6Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 7Page - Unity Opto Technology MVL-914MSGC Datasheet HTML 8Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BIN CODE
A
B
C
D
E
F
G
H
I
J
K
Minimum Maximum Minimum Maximum Minimum Maximum Minimum Maximum Minimum Maximum
1
611
618
583
589
517
528
495
504
459
469
2
614
622
587
593
524
535
500
509
467
475
3
616
634
591
597
531
542
505
514
471
481
BIN CODE
0
1
2
3
4
5
6
7
8
9
MVL-9X4ASOLC
MVL-9X4AUYLC @IF=70mA
MSGC
HSGC
2.5
3.0
0.5
4.8
5.2
4.4
4.8
4.6
5.0
4.0
4.4
4.2
4.6
3.6
4.0
3.8
4.2
3.2
3.6
3.4
3.8
Minimum
Maximum
3.0
3.4
MVL-9X4HBC @IF=20mA
Forward Voltage (Volts)
MVL-9X4MSGC
MVL-9X4TUOLC
MVL-9X4MBC @IF=40mA
MVL-9X4TUYLC
MVL-9X4HUOLC
MVL-9X4MTGC
MVL-9X4HTGC
MVL-9X4HSGC
5.0
6.7
5.5
MBC
HBC
Dominant Wavelength (in naometers) @IF=20mA
TUOLC , HUOLC
UOLC , ASOLC
TUYLC , HUYLC
UYLC , AUYLC
MTGC
HTGC
7.3
6.1
1.4
1.0
1.9
Minimum
Maximum
0.1
0.9
3.03
3.15
C
2
3
2.79
2.91
2.07
2.19
3.0
3.6
4.2
4.8
2.4
2.0
2.9
2.31
2.43
2.55
2.67
2.79
2.91
2.31
2.43
2.55
2.67
1.83
1.95
2.07
2.19
Maximum
Minimum
MVL-9X4UOLC
MVL-9X4UYLC @IF=50mA
MVL-9X4HUYLC
2.5
2.0
BIN
CODE
1.5
4.5
5.45
4.0
3.5
3.0
1.5
1.2
1.8
2.4
Minimum
0.6
1.0
Maximum
MVL-9X4HUOLC
Luminous Flux (Light-output in lumens)
MVL-9X4HUYLC
MVL-9X4TUOLC
MVL-9X4TUYLC
MVL-9X4UYLC @IF=50mA
MVL-9X4ASOLC
MVL-9X4AUYLC @IF=70mA
Unity JACK LED Bin Codes
MVL-9X4MTGC
MVL-9X4HBC @IF=20mA
MVL-9X4UOLC
MVL-9X4MSGC
MVL-9X4MBC @IF=40mA
MVL-9X4HTGC
MVL-9X4HSGC
Category Code
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com