Electronic Components Datasheet Search
  English  ▼

X  

LMX1600 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1600
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1600 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX1600 Datasheet HTML 8Page - National Semiconductor (TI) LMX1600 Datasheet HTML 9Page - National Semiconductor (TI) LMX1600 Datasheet HTML 10Page - National Semiconductor (TI) LMX1600 Datasheet HTML 11Page - National Semiconductor (TI) LMX1600 Datasheet HTML 12Page - National Semiconductor (TI) LMX1600 Datasheet HTML 13Page - National Semiconductor (TI) LMX1600 Datasheet HTML 14Page - National Semiconductor (TI) LMX1600 Datasheet HTML 15Page - National Semiconductor (TI) LMX1600 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
2.0 Programming Description (Continued)
FoLD
Fo/LD OUTPUT STATE
0
1
0
x
Aux Lock Detect
0
1
1
X
Main “and” Aux Lock Detect
1
0
0
X
Main Reference Counter Output
1
0
1
X
Aux Reference Counter Output
1
1
0
X
Main Programmable Counter Output
1
1
1
X
Aux Programmable Counter Output
Note 16: See section 2.5.3 for AUX_R[14] description.
2.5.1
Lock Detect Digital Filter
The Lock Detect Digital Filter compares the difference between the phase of the inputs of the phase detector to a RC generated
delay of approximately 15 ns. To enter the locked state (Lock = HIGH) the phase error must be less than the 15 ns RC delay for
4 consecutive reference cycles. Once in lock (Lock = HIGH), the RC delay is changed to approximately 30 ns. To exit the locked
state (Lock = LOW), the phase error must become greater than the 30 ns RC delay. When the PLL is in the powerdown mode,
Lock is forced LOW. A flow chart of the digital filter is shown below.
10012916
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com