Electronic Components Datasheet Search
  English  ▼

X  

LMX1600 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1600
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1600 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMX1600 Datasheet HTML 9Page - National Semiconductor (TI) LMX1600 Datasheet HTML 10Page - National Semiconductor (TI) LMX1600 Datasheet HTML 11Page - National Semiconductor (TI) LMX1600 Datasheet HTML 12Page - National Semiconductor (TI) LMX1600 Datasheet HTML 13Page - National Semiconductor (TI) LMX1600 Datasheet HTML 14Page - National Semiconductor (TI) LMX1600 Datasheet HTML 15Page - National Semiconductor (TI) LMX1600 Datasheet HTML 16Page - National Semiconductor (TI) LMX1600 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
2.0 Programming Description (Continued)
2.7
TYPICAL APPLICATION EXAMPLE
10012920
OPERATIONAL NOTES:
*
VCO is assumed AC coupled.
**
R
IN increases impedance so that VCO output power is provided to the load rather than the PLL. Typical values are 10
Ω to
200
Ω depending on the VCO power level. The fin RF impedance ranges from 40Ω to 100Ω. The fin IF impedances are higher.
*** 50
Ω termination is often used on test boards to allow use of external reference oscillator. For most typical products, a CMOS
clock is used and no terminating resistor is required. OSC
IN may be AC or DC coupled. AC coupling is recommended because
the input circuit provides its own bias. (See Figure below)
10012921
**** Adding RC filter to the V
CC line is recommended to reduce loop-to-loop noise coupling.
— Proper use of grounds and bypass capacitors is essential to achieve a high level of performance. Crosstalk between pins can
be reduced by careful board layout.
— This is a static sensitive device. It should be handled only at static free work stations.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com