Electronic Components Datasheet Search
  English  ▼

X  

STR91XFAX32 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STR91XFAX32
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFAX32 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STR91XFAX32 Datasheet HTML 6Page - STMicroelectronics STR91XFAX32 Datasheet HTML 7Page - STMicroelectronics STR91XFAX32 Datasheet HTML 8Page - STMicroelectronics STR91XFAX32 Datasheet HTML 9Page - STMicroelectronics STR91XFAX32 Datasheet HTML 10Page - STMicroelectronics STR91XFAX32 Datasheet HTML 11Page - STMicroelectronics STR91XFAX32 Datasheet HTML 12Page - STMicroelectronics STR91XFAX32 Datasheet HTML 13Page - STMicroelectronics STR91XFAX32 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
Description
STR91xFAx3x, STR91xFAx4x
10/101
1
Description
STR91xFA is a series of ARM-powered microcontrollers which combines a 16/32-bit
ARM966E-S RISC processor core, dual-bank Flash memory, large SRAM for data or code,
and a rich peripheral set to form an ideal embedded controller for a wide variety of
applications such as point-of-sale terminals, industrial automation, security and
surveillance, vending machines, communication gateways, serial protocol conversion, and
medical equipment. The ARM966E-S core can perform single-cycle DSP instructions, good
for speech processing, audio algorithms, and low-end imaging.
This datasheet provides STR91xFA ordering information, functional overview, mechanical
information, and electrical device characteristics.
For complete information on STR91xFA memory, registers, and peripherals, please refer to
the STR91xFA Reference Manual.
For information on programming the STR91xFA Flash memory please refer to the STR9
Flash Programming Reference Manual
For information on the ARM966E-S core, please refer to the ARM966E-S Rev. 2 Technical
Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com