Electronic Components Datasheet Search
  English  ▼

X  

CAT5251 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT5251
Description  Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5251 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT5251 Datasheet HTML 1Page - Catalyst Semiconductor CAT5251 Datasheet HTML 2Page - Catalyst Semiconductor CAT5251 Datasheet HTML 3Page - Catalyst Semiconductor CAT5251 Datasheet HTML 4Page - Catalyst Semiconductor CAT5251 Datasheet HTML 5Page - Catalyst Semiconductor CAT5251 Datasheet HTML 6Page - Catalyst Semiconductor CAT5251 Datasheet HTML 7Page - Catalyst Semiconductor CAT5251 Datasheet HTML 8Page - Catalyst Semiconductor CAT5251 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CAT5251
© Catalyst Semiconductor, Inc.
4
Doc. No. MD-2017 Rev. F
Characteristics subject to change without notice
POTENTIOMETER CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol Parameter
Test Conditions
Min
Typ
Max
Units
RPOT
Potentiometer Resistance (-00)
100
kΩ
RPOT
Potentiometer Resistance (-50)
50
kΩ
Potentiometer Resistance Tolerance
±20
%
RPOT Matching
1
%
Power Rating
25°C, each pot
50
mW
IW
Wiper Current
±3
mA
IW = ±3mA @ VCC = 3V
200
300
Ω
RW
Wiper Resistance
IW = ±3mA @ VCC = 5V
100
150
Ω
VTERM
Voltage on any RH or RL Pin
VSS = 0V
GND
VCC
V
VN
Noise
(1)
nV/√Hz
Resolution
0.4
%
Absolute Linearity
(2)
RW(n)(actual) - R(n)(expected)
(5)
±1
LSB
(4)
Relative Linearity
(3)
RW(n+1) - [RW(n)+LSB]
(5)
±0.5
LSB
(4)
TCRPOT Temperature Coefficient of RPOT
(1)
±300
ppm/°C
TCRATIO Ratiometric Temp. Coefficient
(1)
20
ppm/°C
CH/CL/CW Potentiometer Capacitances
(1)
10/10/25
pF
fc
Frequency Response
RPOT = 50kΩ
(1)
0.4
MHz
Symbol Parameter
Test Conditions
Min
Typ
Max
Units
ICC1
Power Supply Current
fSCK = 2.5MHz, SO Open
VCC = 6V Inputs = GND
1
mA
ICC2
Power Supply Current
Non-volatile Write
fSCK = 2.5MHz, SO = Open
VCC = 6V Inputs = GND
5
mA
ISB
Standby Current (VCC = 5.0V)
VIN = GND or VCC; SO Open
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
Input Low Voltage
-1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3V)
IOL = 3mA
0.4
V
VOH1
Output High Voltage (VCC = 6V)
IOH = -1.6mA
VCC - 0.8
V
Notes:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
(3) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potenti-
ometer. It is a measure of the error in step size.
(4) LSB = RTOT / 255 or (RH - RL) / 255, single pot
(5) n = 0, 1, 2, ..., 255.
D.C. OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com