Electronic Components Datasheet Search
  English  ▼

X  

CAT5251 Datasheet(PDF) 14 Page - Catalyst Semiconductor

Part # CAT5251
Description  Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5251 Datasheet(HTML) 14 Page - Catalyst Semiconductor

Back Button CAT5251 Datasheet HTML 7Page - Catalyst Semiconductor CAT5251 Datasheet HTML 8Page - Catalyst Semiconductor CAT5251 Datasheet HTML 9Page - Catalyst Semiconductor CAT5251 Datasheet HTML 10Page - Catalyst Semiconductor CAT5251 Datasheet HTML 11Page - Catalyst Semiconductor CAT5251 Datasheet HTML 12Page - Catalyst Semiconductor CAT5251 Datasheet HTML 13Page - Catalyst Semiconductor CAT5251 Datasheet HTML 14Page - Catalyst Semiconductor CAT5251 Datasheet HTML 15Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
CAT5251
Doc. No. MD-2017 Rev. F
14
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION (1)
ORDERING PART NUMBER
CAT5251WI-50
CAT5251WI-00
CAT5251YI-50
CAT5251YI-00
Notes:
(1) All packages are RoHS compliant (Lead-free, Halogen-free).
(2) This device used in the above example is a CAT5251WI-50-T1 (SOIC, Industrial Temperature, 50kΩ, Tape & Reel).
Prefix Device # Suffix
CAT
5251
W
I
-50
– T1
Optional
Company ID
Package
W: SOIC
Y: TSSOP
Temperature Range
I = In
dustrial (-40ºC to 85ºC)
Product
Number
5251
Tape & Reel
T: Tape & Reel
1: 1000/Reel - SOIC
2: 2000/Reel - TSSOP
Resistance
-50: 50kΩ
-00: 100kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com