Electronic Components Datasheet Search
  English  ▼

X  

CAT5261 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT5261
Description  Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5261 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT5261 Datasheet HTML 3Page - Catalyst Semiconductor CAT5261 Datasheet HTML 4Page - Catalyst Semiconductor CAT5261 Datasheet HTML 5Page - Catalyst Semiconductor CAT5261 Datasheet HTML 6Page - Catalyst Semiconductor CAT5261 Datasheet HTML 7Page - Catalyst Semiconductor CAT5261 Datasheet HTML 8Page - Catalyst Semiconductor CAT5261 Datasheet HTML 9Page - Catalyst Semiconductor CAT5261 Datasheet HTML 10Page - Catalyst Semiconductor CAT5261 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CAT5261
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-2122 Rev. E
Characteristics subject to change without notice
Figure 2. HOLD
¯¯¯¯¯ Timing
INSTRUCTION AND REGISTER
DESCRIPTION
DEVICE TYPE / ADDRESS BYTE
The first byte sent to the CAT5261 from the master/
processor is called the Device Address Byte. The
most significant four bits of the Device Type address
are a device type identifier. These bits for the
CAT5261 are fixed at 0101[B] (refer to Table 1).
The two least significant bits in the slave address
byte, A1 - A0, are the internal slave address and must
match the physical device address which is defined by
the state of the A1 - A0 input pins for the CAT5261 to
successfully continue the command sequence. Only
the device which slave address matches the incoming
device address sent by the master executes the
instruction. The A1 - A0 inputs can be actively driven
by CMOS input signals or tied to VCC or VSS. The
remaining two bits in the device address byte must be
set to 0.
INSTRUCTION BYTE
The next byte sent to the CAT5261 contains the
instruction and register pointer information. The four
most significant bits used provide the instruction
opcode I3 - I0. The R1 and R0 bits point to one of the
four data registers of each associated potentiometer.
The least two significant bits point to one of two Wiper
Control Registers. The format is shown in Table 2.
Data Register Selection
Data Register Selected
R1
R0
DR0
0
0
DR1
0
1
Table 1. Identification Byte Format
Table 2. Instruction Byte Format
ID3
ID2
ID1
ID0
A3
A2
A1
A0
0101
(MSB)
(LSB)
Device Type
Identifier
Slave Address
I3
I2
I1
I0
R1
R0
P1
P0
(MSB)
(LSB)
Instruction
Data Register
WCR/Pot Selection
Opcode
Selection
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com