Electronic Components Datasheet Search
  English  ▼

X  

CAT5261 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT5261
Description  Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5261 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT5261 Datasheet HTML 4Page - Catalyst Semiconductor CAT5261 Datasheet HTML 5Page - Catalyst Semiconductor CAT5261 Datasheet HTML 6Page - Catalyst Semiconductor CAT5261 Datasheet HTML 7Page - Catalyst Semiconductor CAT5261 Datasheet HTML 8Page - Catalyst Semiconductor CAT5261 Datasheet HTML 9Page - Catalyst Semiconductor CAT5261 Datasheet HTML 10Page - Catalyst Semiconductor CAT5261 Datasheet HTML 11Page - Catalyst Semiconductor CAT5261 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CAT5261
Doc. No. MD-2122 Rev. E
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
WIPER CONTROL AND DATA REGISTERS
Wiper Control Register (WCR)
The CAT5261 contains two 8-bit Wiper Control
Registers, one for each potentiometer. The Wiper
Control Register output is decoded to select one of
256 switches along its resistor array. The contents of
the WCR can be altered in four ways: it may be
written by the host via Write Wiper Control Register
instruction; it may be written by transferring the
contents of one of four associated Data Registers via
the XFR Data Register instruction; it can be modified
one step at a time by the Increment/decrement
instruction (see Instruction section for more details).
Finally, it is loaded with the content of its data register
zero (DR0) upon power-up.
The Wiper Control Register is a volatile register that
loses its contents when the CAT5261 is powered-
down. Although the register is automatically loaded
with the value in DR0 upon power-up, this may be
different from the value present at power-down.
Data Registers (DR)
Each potentiometer has four 8-bit non-volatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Control
Register. Any data changes in one of the Data
Registers is a non-volatile operation and will take a
maximum of 5ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as standard memory locations for system
parameters or user preference data.
Write in Process
The contents of the Data Registers are saved to
nonvolatile memory when the CS
¯¯¯ input goes HIGH
after a write sequence is received. The status of the
internal write cycle can be monitored by issuing a
Read Status command to read the Write in Process
(WIP) bit.
INSTRUCTIONS
Five of the ten instructions are three bytes in length.
These instructions are:
— Read Wiper Control Register – read the current
wiper position of the selected potentiometer in the
WCR
— Write Wiper Control Register – change current
wiper position in the WCR of the selected
potentiometer
— Read Data Register – read the contents of the
selected Data Register
— Write Data Register – write a new value to the
selected Data Register
— Read Status – Read the status of the WIP bit
which when set to "1" signifies a write cycle is in
progress.
Table 3. Instruction Set
Note: 1/0 = data is one or zero
Instruction Set
Instruction
I3
I2
I1
I0
R1
R0
WCR1/ P1
WCR0/ P0
Operation
Read Wiper Control Register
1
0
0
1
0
0
1/0
1/0
Read the contents of the Wiper Control
Register pointed to by P1-P0
Write Wiper Control Register
1
0
1
0
0
0
1/0
1/0
Write new value to the Wiper Control
Register pointed to by P1-P0
Read Data Register
1
0
1
1
1/0
1/0
1/0
1/0
Read the contents of the Data Register
pointed to by P1-P0 and R1-R0
Write Data Register
1
1
0
0
1/0
1/0
1/0
1/0
Write new value to the Data Register
pointed to by P1-P0 and R1-R0
XFR Data Register to Wiper
Control Register
1
1
0
1
1/0
1/0
1/0
1/0
Transfer the contents of the Data
Register pointed to by P1-P0 and R1-
R0 to its associated Wiper Control
Register
XFR Wiper Control Register
to Data Register
1
1
1
0
1/0
1/0
1/0
1/0
Transfer the contents of the Wiper
Control Register pointed to by P1-P0 to
the Data Register pointed to by R1-R0
Global XFR Data Registers
to Wiper Control Registers
0
0
0
1
1/0
1/0
0
0
Transfer the contents of the Data
Registers pointed to by R1-R0 of all
four pots to their respective Wiper
Control Registers
Global XFR Wiper Control
Registers to Data Register
1
0
0
0
1/0
1/0
0
0
Transfer the contents of both Wiper
Control Registers to their respective
data Registers pointed to by R1-R0 of
all four pots
Increment/Decrement Wiper
Control Register
0
0
1
0
0
0
1/0
1/0
Enable Increment/decrement of the
Control Latch pointed to by P1-P0
Read Status (WIP bit)
0
1
0
1
0
0
0
1
Read WIP bit to check internal write
cycle status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com