Electronic Components Datasheet Search
  English  ▼

X  

ST62T35B Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST62T35B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T35B Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST62T35B Datasheet HTML 74Page - STMicroelectronics ST62T35B Datasheet HTML 75Page - STMicroelectronics ST62T35B Datasheet HTML 76Page - STMicroelectronics ST62T35B Datasheet HTML 77Page - STMicroelectronics ST62T35B Datasheet HTML 78Page - STMicroelectronics ST62T35B Datasheet HTML 79Page - STMicroelectronics ST62T35B Datasheet HTML 80Page - STMicroelectronics ST62T35B Datasheet HTML 81Page - STMicroelectronics ST62T35B Datasheet HTML 82Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
81/82
ST6235B
ST6235B MICROCONTROLLER OPTION LIST
Customer
Address
Contact
Phone No
Reference
SGS-THOMSON Microelectronics references
Device:
[ ] ST6235B
Package:
[ ] Plastic Quad Flat (Tape & Reel)
Temperature Range:
[ ] 0
°Cto+ 70°C[]- 40°Cto + 85°C
Special Marking:
[ ] No
[ ] Yes ”_ _ _ _ _ _ _ _ _ _ _ ”
Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only.
Maximum character count:10
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
Ports Pull-Up Selection: [ ] Yes
[ ] No
NMI Pull-Up Selection:
[ ] Yes
[ ] No
Timer Pull-Up Selection: [ ] Yes
[ ] No
External STOP Mode Control:[ ] Enabled
[ ] Disabled
OSG:
[]Enabled
[ ] Disabled
ROM Readout Protection:[ ] Standard (Fuse cannot be blown)
[ ] Enabled (Fuse can be blown by the customer)
Note: No part is delivered with protected ROM.
The fuse must be blown for protection to be effective.
Comments :
Supply Operating Range in the application:
Oscillator Fequency in the application:
Notes
. . . . . . . . . . . . . . . . . .
Signature
Date
1
This is advance information from SGS-THOMSON .Details are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com