Electronic Components Datasheet Search
  English  ▼

X  

PSS40 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSS40
Description  40 Watt Single Output AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSS40 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSS40 Datasheet HTML 1Page - Wall Industries,Inc. PSS40 Datasheet HTML 2Page - Wall Industries,Inc. PSS40 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSS40 Series
40 Watt
Single Output
AC/DC Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output
Voltage
Voltage
Adjust. Range
Output
Current
Output
Power
Efficiency
(115 VAC)
Over Voltage
Protection
PSS-40-5
5 VDC
4.75 ~ 5.5V
8A
40W
72%
5.75 ~ 6.75V
PSS-40-12
12 VDC
10.8 ~ 13.2V
3.5A
42W
76%
13.8 ~ 16.2V
PSS-40-15
15 VDC
13.5 ~ 16.5V
2.8A
42W
76%
17.25 ~ 20.25V
PSS-40-24
85 ~ 264VAC
(120 ~ 370VDC)
24 VDC
21.6 ~ 26.4V
1.8A
43W
78%
27.6 ~ 32.4V
NOTES
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load, and 25°C ambient temperature.
2. Ripple & noise are measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF& 47uF parallel capacitor.
3. Tolerances include set up tolerance, line regulation, and load regulation.
4. Line Regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 0% to 100% rated load.
6. The power supply is considered a component, which will be installed into final equipment. The final equipment must be re-confirmed
that it still meets EMC directives.
BLOCK DIAGRAM
DERATING CURVE
STATIC CHARACTERISTICS (24V)
fosc: 75KHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com