Electronic Components Datasheet Search
  English  ▼

X  

PSS40 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSS40
Description  40 Watt Single Output AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSS40 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSS40 Datasheet HTML 1Page - Wall Industries,Inc. PSS40 Datasheet HTML 2Page - Wall Industries,Inc. PSS40 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSS40 Series
40 Watt
Single Output
AC/DC Power Supply
FEATURES
● 2 Year Warranty
● Approvals: UL/TUV/CE
● Low Cost, High Reliability
● Fixed Switching Frequency
● Compact Size, Light Weight
● 100% Full Load Burn-In Tested
● Cooling by Free Air Convection
● Universal AC Input / Full Range
● Built-In EMI Filter, Low Ripple and Noise
● High Efficiency, Low Working Temperature
● Short Circuit, Overload, and Over Voltage Protected
SPECIFICATIONS: PSS40 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
85 ~ 264VAC or 120 ~ 370VDC
Input Frequency
47 to 63Hz
AC Current (typical)
1.2A @ 115VAC
0.6A @ 230VAC
Inrush Current (typical)
Cold Start 25A @ 115VAC
50A @ 230VAC
Leakage Current
< 1mA @ 240VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power
See Table
Voltage Tolerance (See Note 3)
PSS-40-5: ±2.0%;
Other Models: ±1.0%
Voltage Adjustment Range
See Table
Line Regulation
±0.5%
Load Regulation
PSS-40-5: ±1.0%;
Other Models: ±0.5%
Output Current
See Table
Ripple & Noise (max) (See Note 2)
PSS-40-5: 75mVp-p; Other Models: 100mVp-p
Setup, Rise Time
300ms, 50ms @ 230VAC
800ms, 50ms @ 115VAC and full load
Hold Up Time (typical)
70ms @ 230VAC 15ms @115VAC and full load
Temperature Coefficient
±0.03%/°C (0 ~ 50°C)
PROTECTION
Over Voltage Protection
115% to 135% (See Table)
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
Overload Protection
105 ~ 150% rated output power
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
GENERAL SPECIFICATIONS
Switching Frequency
75KHz
Efficiency
See Table
Withstand Voltage
3000VAC (Input to Output), 1500VAC (Input to FG), 500VAC (Output to FG)
Isolation Resistance
100MΩ/500DC (Input to Output, Input to FG, and Output to FG)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-10°C to +60°C (refer to output load derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity
20 ~ 90% RH non-condensing
Storage Humidity
10 ~ 95% RH
Cooling
Free air convection
Vibration
10 ~ 500Hz, 2G 10min./1 cycle, 60min each along X, Y, Z axes.
MTBF
314,100 hours min. @ 25°C (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Weight
450 grams
Dimensions
129(L) x 98(W) x 38(H) mm
SAFETY & EMC
Safety Standards
UL1012, UL60950-1, TUV EN60950-1 Approved
EMI Conduction & Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,-3
EMS Immunity
Compliance to EN61000-4-2,3,4,5; ENV50204, EN55024, Light industry level, criteria A


Similar Part No. - PSS40

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PSS40 ALTECH-PSS40 Datasheet
123Kb / 1P
40W Single Output Industrial DIN Rail Power Supply PS-S40 Series
logo
Phihong USA Inc.
PSS40-033 PHIHONG-PSS40-033 Datasheet
153Kb / 2P
Mini Footprint
PSS40-050 PHIHONG-PSS40-050 Datasheet
153Kb / 2P
Mini Footprint
PSS40-120 PHIHONG-PSS40-120 Datasheet
153Kb / 2P
Mini Footprint
PSS40-150 PHIHONG-PSS40-150 Datasheet
153Kb / 2P
Mini Footprint
More results

Similar Description - PSS40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSS25 WALL-PSS25 Datasheet
158Kb / 3P
25 Watt Single Output AC/DC Power Supply
PSS60 WALL-PSS60 Datasheet
157Kb / 3P
60 Watt Single Output AC/DC Power Supply
PSS100 WALL-PSS100 Datasheet
152Kb / 3P
100 Watt Single Output AC/DC Power Supply
PSS150 WALL-PSS150 Datasheet
153Kb / 3P
150 Watt Single Output AC/DC Power Supply
PSS240 WALL-PSS240 Datasheet
157Kb / 3P
240 Watt Single Output AC/DC Power Supply
PSS320 WALL-PSS320 Datasheet
158Kb / 3P
320 Watt Single Output AC/DC Power Supply
logo
C&D Technologies
TPS_TX1000 CANDD-TPS_TX1000 Datasheet
366Kb / 4P
1000 Watt, Single Output, AC/DC Power Supply
logo
Wall Industries,Inc.
DTSPU30 WALL-DTSPU30 Datasheet
150Kb / 3P
30 Watt Single Output AC/DC Desktop Power Supply
DTSPU40 WALL-DTSPU40 Datasheet
153Kb / 3P
40 Watt Single Output AC/DC Desktop Power Supply
logo
ETA-USA
DAC40 ETA-USA-DAC40 Datasheet
547Kb / 4P
AC/DC 40 Watt Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com