Electronic Components Datasheet Search
  English  ▼

X  

PSSBU151 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSSBU151
Description  2-pin Input Connector 150 Watt Single Output AC/DC Open Frame Power Supply for I.T.E.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSBU151 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSSBU151 Datasheet HTML 1Page - Wall Industries,Inc. PSSBU151 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSSBU151 Series
2-pin Input Connector
150 Watt Single Output
AC/DC Open Frame Power Supply for I.T.E.
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Preset Voltage
Output Current
Total Regulation
Maximum Output Power
PSSBU151-104
9 VDC
16.0 A
5%
144 W
PSSBU151-105
12 VDC
12.5 A
5%
150 W
PSSBU151-106
15 VDC
10.0 A
5%
150 W
PSSBU151-107
18 VDC
8.33 A
4%
150 W
PSSBU151-108
24 VDC
6.25 A
3%
150 W
PSSBU151-109
30 VDC
5.00 A
2%
150 W
PSSBU151-110
36 VDC
4.17 A
2%
150 W
PSSBU151-111
48 VDC
3.13 A
2%
150 W
NOTES
1. Mechanical Drawing: Dimensions are shown in inches or mm.
2. Weight of the unit is approximately 390 grams.
3. Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp terminal.
4. Output connector mates with Molex housing 09-50-3131 and Molex 2478 series crimp terminal.
5. 3 pin input connector available: See PSSBU150 Series.
MECHANICAL DRAWING
NOTES:
1. Dimensions are shown in inches and mm.
2. Weight: Approximately 390 grams.
3. Input connector mates with Molex housing
09-50-3031 and Molex 2478 series crimp terminal.
4. Output connector mates with Molex housing
09-50-3131 and Molex 2478 series crimp terminal.
PIN
1
2
3
4
5
6
7
8
9
10
11
12
13
(Optional)
PSSBU151-1XX
OUT
OUT
OUT
OUT
OUT
OUT
RTN
RTN
RTN
RTN
RTN
RTN
RTN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com