Electronic Components Datasheet Search
  English  ▼

X  

PSSBU151 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSSBU151
Description  2-pin Input Connector 150 Watt Single Output AC/DC Open Frame Power Supply for I.T.E.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSBU151 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSSBU151 Datasheet HTML 1Page - Wall Industries,Inc. PSSBU151 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSSBU151 Series
2-pin Input Connector
150 Watt Single Output
AC/DC Open Frame Power Supply for I.T.E.
FEATURES
● 2 Year Warranty
● Class I Insulation
● Internal EMI Filter
● 2-pin Input Connector
● Power Factor Correction
● Synchronous Rectification
● Power Fail Detect (Optional)
● Over Voltage Protection (Crowbar Design)
● Input Surge Current and Over Load Protection
● Output Voltage Available from 9VDC thru 48VDC
● 3-pin Input Connector Available (See PSSBU150 Series)
SPECIFICATIONS: PSSBU151 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Operating Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
Input Current (Low Line)
Io = Full Load, Vin = 115VAC
2.0
A
Input Current (High Line)
Io = Full Load, Vin = 230VAC
0.8
A
Inrush Current (Low Line)
Io = Full Load, 25°C, Cool Start, Vin = 115VAC
12
15
A
Inrush Current (High Line)
Io = Full Load, 25°C, Cool Start, Vin = 230VAC
26
30
A
Safety Ground Leakage Current
Io = Full Load, Vin = 240VAC
0.4
0.75
mA
Start-Up Time
Io = Full Load, Vin = 100VAC
0.3
1
2
s
OUTPUT (Vo)
Output Voltage Range
See Rating Chart
Load Regulation
Vin = 230VAC
3
5
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power
Vin = 90 to 264VAC
150
W
Output Current Range
See Rating Chart
Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
0.5
1
%
Transient Response
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
16
ms
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
GENERAL
Efficiency
Io = Full Load, Vin = 230VAC
85
88
90
%
Dielectric Withstanding Voltage
For Primary to Secondary
Primary to Secondary
4242
VDC
Dielectric Withstanding Voltage
For Primary to Ground
Primary to Ground
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
MΩ
Power Factor Correction
Io = Full Load, Vin = 90~260VAC
0.95
0.97
1.0
ENVIRONMENTAL
Operating Temperature
Derate linearly from 100% Load at 50°C to 50% load at 70°C
0
+70
°C
Storage Temperature
-40
+85
°C
Relative Humidity
5
95
%
Temperature Coefficient
All Outputs
-0.04
+0.04
%/°C
PHYSICAL
Weight
Approximately 390 grams
Dimensions
127(L) x 76.2(W) x 35.56(H) mm
Warranty
2
years
SAFETY
EMI Requirements for CISPR-22
Vin = 220VAC
B
Class
EMI Requirements for FCC PART-15
Vin = 110VAC
B
Class


Similar Part No. - PSSBU151

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSBU150 WALL-PSSBU150 Datasheet
314Kb / 2P
3-pin Input Connector 150 Watt Single Output AC/DC Open Frame Power Supply for I.T.E.
PSSBU150-104 WALL-PSSBU150-104 Datasheet
314Kb / 2P
3-pin Input Connector 150 Watt Single Output AC/DC Open Frame Power Supply for I.T.E.
PSSBU150-105 WALL-PSSBU150-105 Datasheet
314Kb / 2P
3-pin Input Connector 150 Watt Single Output AC/DC Open Frame Power Supply for I.T.E.
PSSBU150-106 WALL-PSSBU150-106 Datasheet
314Kb / 2P
3-pin Input Connector 150 Watt Single Output AC/DC Open Frame Power Supply for I.T.E.
PSSBU150-107 WALL-PSSBU150-107 Datasheet
314Kb / 2P
3-pin Input Connector 150 Watt Single Output AC/DC Open Frame Power Supply for I.T.E.
More results

Similar Description - PSSBU151

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEO150 AIMTEC-AMEO150 Datasheet
328Kb / 2P
150 Watt (Open Frame) AC/DC Converter
logo
Wall Industries,Inc.
PSAQF150O WALL-PSAQF150O Datasheet
178Kb / 3P
Open Frame 150 Watt Single Output AC/DC Switching Power Supply
PSS150 WALL-PSS150 Datasheet
153Kb / 3P
150 Watt Single Output AC/DC Power Supply
PSSBU150 WALL-PSSBU150 Datasheet
314Kb / 2P
3-pin Input Connector 150 Watt Single Output AC/DC Open Frame Power Supply for I.T.E.
PSSUU150 WALL-PSSUU150 Datasheet
177Kb / 2P
3-pin Input Connector 150 Watt Single Output AC/DC U-Bracket Power Supply for I.T.E.
PSSUU151 WALL-PSSUU151 Datasheet
165Kb / 2P
2-pin Input Connector 150 Watt Single Output AC/DC U-Bracket Power Supply for I.T.E.
logo
Murata Manufacturing Co...
CEF400-112C MURATA-CEF400-112C Datasheet
583Kb / 3P
400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
Murata Power Solutions ...
CEF400-112C MURATA-PS-CEF400-112C Datasheet
215Kb / 3P
400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
CINCON ELECTRONICS Corp...
CFM06S CINCON-CFM06S Datasheet
234Kb / 2P
6 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com