Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR4T0 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST7265AR4T0
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR4T0 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST7265AR4T0 Datasheet HTML 130Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 131Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 132Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 133Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 134Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 135Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 136Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 137Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 166 page
background image
ST7265x
134/166
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
13.4.3 HALT Mode
Notes:
1. Typical data are based on TA=25°C.
2. All I/O pins in input mode with a static value at VDD or VSS (no load).
13.4.4 SUSPEND Mode
Notes:
1. Typical data are based on TA=25°C.
2. External pull-up (1.5k
Ω connected to USBV
CC) and pull-down (15kΩ connected to USBVSS) current not included.
3. TA=25°C
Symbol
Parameter
Conditions
Typ 1)
Max
Unit
IHALT
Supply current in HALT mode 2)
LVD OFF
VDD=5.5V
3
TBD
µA
VDD=3.0V
1
TBD
LVD ON
VDD=5.5V
110
TBD
VDD=3.0V
60
TBD
Symbol
Parameter
Conditions
Typ 1)
Max 3)
Unit
ISUSP
Supply current in SUSPEND mode 2)
LVD OFF
VDD=4-5.25V
150
230
µA
LVD ON
VDD=4-5.25V
230
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com