Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR4T0 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST7265AR4T0
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR4T0 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST7265AR4T0 Datasheet HTML 12Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 13Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 14Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 15Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 16Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 17Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 18Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 19Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 166 page
background image
ST7265x
16/166
Figure 9. Compact Flash Card Writer Application Example
Table 3. Compact Flash Card Writer Pin Assignment
(1) This line shows if the ST72F65 pin is controlled by the
ST7 core or by the DTC.
(2) These lines are not controlled by the DTC but by the
user software running on the ST7 core. The choice of
ST72F65 pin is at the customer’s discretion. The pins
shown here are given only as an example.
(3) As this is a single power supply application, the US-
BEN function in not needed. Thus PF4/USBEN pin can be
used as a normal I/O by configuring it as such by the op-
tion byte.
Compact Flash
Card Pin
D0-7 D8-15
VS1, VS2, WAIT,
CS1, INPACK,
BVD1, BVD2
IORD,
IOWR, REG,
CE2, VCC
CSEL,
RESET,
GND,
A3-10
A0-2
CE1
RE
WE
CD1
CD2,
RDY/BSY,
WP
ST72F65 pin
PB0-7
NC
NC
VDDF
VSSF PA0-2
PE2
+pull-up
4.7k
Ω
PA3 PA5
PA6
+pull-up
100k
Ω
NC
ST7 / DTC (1)
DTC
-
-
Power
Power
DTC
ST7
DTC DTC
ST7
-
DTC
FLASH
VDDF
VPP
VDD
POWER
MANAGEMENT
100nF
level
REGULATOR
I/O
LOGIC
PA
PB
CF
8-BIT MEMORY
MODE
6
8
(3)
PE
[2]
translator
LED1
VCC
USB
DP
DM
USBVDD
USB Port
GND
USB
4.7
µF
USBVDD
USB
5V
DP
DM
GND
=4.0-5.5V
100nF
100nF
1.5K
Ω
4.7µF
LED2
12V for
Flash prog.
(connect to
GND if
not used)
5
1
4.7K
Ω
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com