Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR4T0 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST7265AR4T0
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR4T0 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST7265AR4T0 Datasheet HTML 57Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 58Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 59Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 60Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 61Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 62Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 63Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 64Page - STMicroelectronics ST7265AR4T0 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 166 page
background image
ST7265x
61/166
11.2 DATA TRANSFER COPROCESSOR (DTC)
11.2.1 Introduction
The Data Transfer Coprocessor is a Universal Se-
rial/Parallel Communications Interface. By means
of software plug-ins provided by STMicroelectron-
ics, the user can configure the ST7 to handle a
wide range of protocols and physical interfaces
such as:
– 8 or 16-bit IDE mode Compact Flash
– Multimedia Card (MMC protocol)
– SmartMediaCard
– Secure Digital Card
Support for different devices or future protocol
standards does not require changing the micro-
controller hardware, but only installing a different
software plug-in.
Once the plug-in (up to 256 bytes) stored in the
ROM or FLASH memory of the ST7 device is load-
ed in the DTC RAM, and that the DTC operation is
started, the I/O ports mapped to the DTC assume
specific alternate functions.
Main Features
s
Full-Speed data transfer from USB to I/O ports
without ST7 core intervention
s
Protocol-independency
s
Support for serial and parallel devices
s
Maskable Interrupts
11.2.2 Functional Description
The block diagram is shown in Figure 38. The
main function of the DTC is to quickly transfer data
between :
s
USB and ST7 I/O ports
s
in between ST7 I/O ports
The protocol used to read or write from the I/O port
is defined by the S/W plug-in in the DTC RAM.
Figure 38. DTC Block Diagram
I/O PORTS
DATA
TRANSFER
COPROCESSOR
LOAD INIT
STOP
0
0
0
RUN
DTCCR
ERR
EN
EN
MSB
LSB
DTCPR
0
0
0
0
0
0 ERRORSTOP
DTCSR
INTERRUPT REQUEST
TO USB
DATA
BUFFER
DTC RAM
ST7 DATA/ADDRESS BUS
INTERFACE
TRANSFER
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com