Electronic Components Datasheet Search
  English  ▼

X  

CEP-4411AC Datasheet(PDF) 2 Page - CUI INC

Part # CEP-4411AC
Description  piezo audio indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CEP-4411AC Datasheet(HTML) 2 Page - CUI INC

  CEP-4411AC Datasheet HTML 1Page - CUI INC CEP-4411AC Datasheet HTML 2Page - CUI INC CEP-4411AC Datasheet HTML 3Page - CUI INC CEP-4411AC Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part No: CEP-4411AC
Description: piezo audio indicator
Phone: 800.275.4899
Fax: 503.612.2383
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 2/06/2007
Unit: mm
Page No: 2 of 4
Measurement Method
S.P.L. Measuring Circuit
Mic: RION S.P.L. meter UC 30 or equivalent
S.G.: Hewlett Packard 33120A Function Generator or equivalent
Mechanical Characteristics
Item
Test Condition
Solderability
Stripped wires of lead wires are immersed in
rosin for 5 seconds and then immersed in
a solder bath of +270 ±5°C for 3 ±0.5 seconds.
Terminal Mechanical Strength
The pull force should be applied to the double
lead wire:
Horizontal 3.0N (0.306kg) for 30 seconds
Vertical 2.0N (0.204kg) for 30 seconds
Vibration
The buzzer will be measured after applying
a vibration amplitude of 1.5 mm with 10 to
55 Hz band of vibration frequency to each of
the 3 perpendicular directions for 2 hours.
Drop Test
The part will be dropped from a height of 75 cm
onto a 40 mm thick wooden board 3 times in
3 axis (X, Y, Z) for a total of 9 drops.
Evaluation Standard
90% min. of the stripped wires
will be wet with solder.
(Except the edge of the terminal)
No damage or cutting off.
The value of oscillation
frequency/current consumption
should be ±10% of the initial
measurements. The SPL should
be within ±10dB compared with
the initial measurement.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com