Electronic Components Datasheet Search
  English  ▼

X  

CEP-4411AC Datasheet(PDF) 1 Page - CUI INC

Part # CEP-4411AC
Description  piezo audio indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CEP-4411AC Datasheet(HTML) 1 Page - CUI INC

  CEP-4411AC Datasheet HTML 1Page - CUI INC CEP-4411AC Datasheet HTML 2Page - CUI INC CEP-4411AC Datasheet HTML 3Page - CUI INC CEP-4411AC Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part No: CEP-4411AC
Description: piezo audio indicator
Phone: 800.275.4899
Fax: 503.612.2383
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 2/06/2007
Unit: mm
Page No: 1 of 4
Specifications
Resonant frequency
2.8 ± 0.5 KHz
Operating voltage
30 ~ 120.0 V ac/V dc
non-polarized
Current consumption
7 mA max.
at 110 V ac
Sound pressure level
88 db min.
at 30 cm / 110 V ac
Rated Voltage
110 V ac
Tone
Continuous
Operating tempurature
-20 ~ +60° C
Storage tempurature
-30 ~ +70° C
Dimensions
ø41.8 x H22.0 mm
See attached drawing
Weight
22.2 g max.
Material
ABS UL-94 1/16” HB High Heat (Black)
Terminal
Wire type
See attached drawing
RoHS
yes
Appearance Drawing
Tolerance: ±0.5


Similar Part No. - CEP-4411AC

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEP-4411AC CUI-CEP-4411AC Datasheet
408Kb / 3P
PIEZO BUZZER INDICATOR
11/04/2019
logo
CUI Devices
CEP-4411AC CUID-CEP-4411AC Datasheet
383Kb / 3P
PIEZO BUZZER INDICATOR
08/05/2022
logo
CUI INC
CEP-4411AC CUI-CEP-4411AC_V01 Datasheet
408Kb / 3P
PIEZO BUZZER INDICATOR
11/04/2019
More results

Similar Description - CEP-4411AC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
CEP-2242 FREESCALE-CEP-2242 Datasheet
59Kb / 1P
Piezo Audio Indicator
logo
CUI INC
CEP-1136 CUI-CEP-1136 Datasheet
671Kb / 4P
piezo audio indicator
CEP-2202A CUI-CEP-2202A Datasheet
246Kb / 5P
piezo audio indicator
CEP-2242 CUI-CEP-2242 Datasheet
303Kb / 4P
piezo audio indicator
CEP-2260A CUI-CEP-2260A Datasheet
263Kb / 4P
piezo audio indicator
CEP-2272A CUI-CEP-2272A Datasheet
265Kb / 4P
piezo audio indicator
CPE-244 CUI-CPE-244 Datasheet
87Kb / 5P
piezo audio indicator
logo
List of Unclassifed Man...
KPEG267 ETC2-KPEG267 Datasheet
124Kb / 5P
PIEZO AUDIO INDICATOR
KPEG-204A ETC2-KPEG-204A Datasheet
105Kb / 5P
Piezo Audio Indicator
KPEG-272 ETC2-KPEG-272 Datasheet
124Kb / 5P
Piezo Audio Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com