Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 364 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 364 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 360Page - STMicroelectronics ST92F124 Datasheet HTML 361Page - STMicroelectronics ST92F124 Datasheet HTML 362Page - STMicroelectronics ST92F124 Datasheet HTML 363Page - STMicroelectronics ST92F124 Datasheet HTML 364Page - STMicroelectronics ST92F124 Datasheet HTML 365Page - STMicroelectronics ST92F124 Datasheet HTML 366Page - STMicroelectronics ST92F124 Datasheet HTML 367Page - STMicroelectronics ST92F124 Datasheet HTML 368Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 426 page
background image
364/426
10-BIT ANALOG TO DIGITAL CONVERTER (ADC)
ANALOG TO DIGITAL CONVERTER (Cont’d)
Figure 158. Application Example: Analog Watchdog used in Motor Speed Control
10.11.4 Interrupts
The ADC provides two interrupt sources:
– End of Conversion
– Analog Watchdog Request
The ADC Interrupt Vector Register (IVR, R255
Page 63) provides hardware generated flags
which indicate the interrupt source, thus allowing
the automatic selection of the correct interrupt
service routine.
The ADC Interrupt vector should be programmed
by the user to point to the first memory location in
the Interrupt Vector table containing the base ad-
dress of the four byte area of the interrupt vector
table in which the address of the ADC interrupt
service routines are stored.
The Analog Watchdog Interrupt Pending bit (AWD,
ICR.6) is automatically set by hardware whenever
any of the two guarded analog inputs go out of
range. The Compare Result Register (CRR) tracks
the analog inputs which exceed their programmed
thresholds.
When two requests occur simultaneously, the An-
alog Watchdog Request has priority over the End
of Conversion request, which is held pending.
The Analog Watchdog Request requires the user
to poll the Compare Result Register (CRR) to de-
termine which of the four thresholds has been ex-
ceeded. The threshold status bits are set to flag an
out of range condition, and are automatically reset
by hardware after a software reset of the Analog
Watchdog Request flag in the ICR Register. The
interrupt pending flags, ECV and AWD, should be
reset by the user within the interrupt service rou-
tine. Setting either of these two bits by software
will cause an interrupt request to be generated.
Analog
Watch-
dog Re-
quest
70
Lower
Word
Address
XX
XX
XX
0
0
End of
Conv.
Request
70
Upper
Word
Address
XX
XX
XX
1
0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com