Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 365 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 365 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 361Page - STMicroelectronics ST92F124 Datasheet HTML 362Page - STMicroelectronics ST92F124 Datasheet HTML 363Page - STMicroelectronics ST92F124 Datasheet HTML 364Page - STMicroelectronics ST92F124 Datasheet HTML 365Page - STMicroelectronics ST92F124 Datasheet HTML 366Page - STMicroelectronics ST92F124 Datasheet HTML 367Page - STMicroelectronics ST92F124 Datasheet HTML 368Page - STMicroelectronics ST92F124 Datasheet HTML 369Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 426 page
background image
365/426
10-BIT ANALOG TO DIGITAL CONVERTER (ADC)
10.11.5 Register Description
DATA REGISTERS (DiHR/DiLR)
The conversion results for the 16 available chan-
nels are loaded into the 32 Data Registers (two for
each channel) following conversion of the corre-
sponding analog input.
CHANNEL 0 DATA HIGH REGISTER (D0HR)
R240 - Read/Write
Register Page: 61
Reset Value: undefined
Bits 7:0 = D0.[9:2]: Channel 0 9:2 bit Data
CHANNEL 0 DATA LOW REGISTER (D0LR)
R241 - Read/Write
Register Page: 61
Reset Value: xx00 0000
Bits 7:6 = D0.[1:0]: Channel 0 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL 1 DATA HIGH REGISTER (D1HR)
R242 - Read/Write
Register Page: 61
Reset Value: undefined
Bits 7:0 = D1.[9:2]: Channel 1 9:2 bit Data
CHANNEL 1 DATA LOW REGISTER (D1LR)
R243 - Read/Write
Register Page: 61
Reset Value: xx00 0000
Bits 7:0 = D1.[1:0]: Channel 1 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL 2 DATA HIGH REGISTER (D2HR)
R244 - Read/Write
Register Page: 61
Reset Value: undefined
Bits 7:0 = D2.[9:2]: Channel 2 9:2 bit Data
CHANNEL 2 DATA LOW REGISTER (D2LR)
R245 - Read/Write
Register Page: 61
Reset Value: xx00 0000
Bits 7:0 = D2.[1:0]: Channel 2 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL 3 DATA HIGH REGISTER (D3HR)
R246 - Read/Write
Register Page: 61
Reset Value: undefined
Bits 7:0 = D3.[9:2]: Channel 3 9:2 bit Data
CHANNEL 3 DATA LOW REGISTER (D3LR)
R247 - Read/Write
Register Page: 61
Reset Value: xx00 0000
Bits 7:0 = D3.[1:0]: Channel 3 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
70
D0.9
D0.8
D0.7
D0.6
D0.5
D0.4
D0.3
D0.2
70
D0.1
D0.0
0
000
00
70
D1.9
D1.8
D1.7
D1.6
D1.5
D1.4
D1.3
D1.2
70
D1.1
D1.0
0
000
00
70
D2.9
D2.8
D2.7
D2.6
D2.5
D2.4
D2.3
D2.2
70
D2.1
D2.0
000
000
70
D3.9
D3.8
D3.7
D3.6
D3.5
D3.4
D3.3
D3.2
70
D3.1
D3.0
000
000
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com