Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 366 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 366 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 362Page - STMicroelectronics ST92F124 Datasheet HTML 363Page - STMicroelectronics ST92F124 Datasheet HTML 364Page - STMicroelectronics ST92F124 Datasheet HTML 365Page - STMicroelectronics ST92F124 Datasheet HTML 366Page - STMicroelectronics ST92F124 Datasheet HTML 367Page - STMicroelectronics ST92F124 Datasheet HTML 368Page - STMicroelectronics ST92F124 Datasheet HTML 369Page - STMicroelectronics ST92F124 Datasheet HTML 370Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 426 page
background image
366/426
10-BIT ANALOG TO DIGITAL CONVERTER (ADC)
REGISTER DESCRIPTION (Cont’d)
CHANNEL 4 DATA HIGH REGISTER (D4HR)
R248 - Read/Write
Register Page: 61
Reset Value: undefined
Bits 7:0 = D4.[9:2]: Channel 4 9:2 bit Data
CHANNEL 4 DATA LOW REGISTER (D4LR)
R249 - Read/Write
Register Page: 61
Reset Value: xx00 0000
Bits 7:6 = D4.[1:0]: Channel 4 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL 5 DATA HIGH REGISTER (D5HR)
R250 - Read/Write
Register Page: 61
Reset Value: undefined
Bits 7:0 = D5.[9:2]: Channel 5 9:2 bit Data
CHANNEL 5 DATA LOW REGISTER (D5LR)
R251 - Read/Write
Register Page: 61
Reset Value: xx00 0000
Bits 7:0 = D1.[1:0]: Channel 5 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL 6 DATA HIGH REGISTER (D6HR)
R252 - Read/Write
Register Page: 61
Reset Value: undefined
Bits 7:0 = D6.[9:2]: Channel 6 9:2 bit Data
CHANNEL 6 DATA LOW REGISTER (D6LR)
R253 - Read/Write
Register Page: 61
Reset Value: xx00 0000
Bits 7:0 = D6.[1:0]: Channel 6 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL 7 DATA HIGH REGISTER (D7HR)
R254 - Read/Write
Register Page: 61
Reset Value: undefined
Bits 7:0 = D7.[9:2]: Channel 7 9:2 bit Data
CHANNEL 7 DATA LOW REGISTER (D7LR)
R255- Read/Write
Register Page: 61
Reset Value: xx00 0000
Bits 7:0 = D7.[1:0]: Channel 7 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
70
D4.9
D4.8
D4.7
D4.6
D4.5
D4.4
D4.3
D4.2
70
D4.1
D4.0
0
000
00
70
D5.9
D5.8
D5.7
D5.6
D5.5
D5.4
D5.3
D5.2
70
D5.1
D5.0
0
000
00
70
D6.9
D6.8
D6.7
D6.6
D6.5
D6.4
D6.3
D6.2
70
D6.1
D6.0
000
000
70
D7.9
D7.8
D7.7
D7.6
D7.5
D7.4
D7.3
D7.2
70
D7.1
D7.0
000
000
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com