Electronic Components Datasheet Search
  English  ▼

X  

ST72652C4T1 Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST72652C4T1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652C4T1 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST72652C4T1 Datasheet HTML 126Page - STMicroelectronics ST72652C4T1 Datasheet HTML 127Page - STMicroelectronics ST72652C4T1 Datasheet HTML 128Page - STMicroelectronics ST72652C4T1 Datasheet HTML 129Page - STMicroelectronics ST72652C4T1 Datasheet HTML 130Page - STMicroelectronics ST72652C4T1 Datasheet HTML 131Page - STMicroelectronics ST72652C4T1 Datasheet HTML 132Page - STMicroelectronics ST72652C4T1 Datasheet HTML 133Page - STMicroelectronics ST72652C4T1 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 166 page
background image
ST7265x
130/166
13.3 OPERATING CONDITIONS
13.3.1 General Operating Conditions
Figure 74. fOSC Maximum Operating Frequency Versus VDD Supply Voltage
1)
Notes:
A/D operation not guaranteed below 1MHz.
1. Operating conditions with TA=0 to +70°C.
2. This mode is supported by all devices.
3. This mode is only supported by ST72(F)651AR6T1E ROM and Flash devices (without LVD)
4. The 2.7V-3.0V voltage range is only supported by ST72651AR6T1E ROM devices (without LVD)
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage with USB peripheral ena-
bled
see Figure 74
4.0
5.5
V
Supply voltage with USB peripheral disa-
bled and LVD off (ROM version)
see Figure 74
2.7
5.5
V
Supply voltage with USB peripheral disa-
bled and LVD off (FLASH version)
see Figure 74
3.0
5.5
V
fOSC
External clock frequency
12
12
MHz
TA
Ambient temperature range
0
70
°C
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
0
2.0
2.5
3.0
3.5
4.0
4.55
5.0
FUNCTIONALITY
FUNCTIONALITY
FUNCTIONALITY
GUARANTEED
IN THIS AREA2)
NOT GUARANTEED
IN THIS AREA
GUARANTEED
IN THIS AREA
EXCEPT USB CELL 3)
5.5
2.7
3
See note 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com