Electronic Components Datasheet Search
  English  ▼

X  

ST72652C4T1 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST72652C4T1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652C4T1 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST72652C4T1 Datasheet HTML 127Page - STMicroelectronics ST72652C4T1 Datasheet HTML 128Page - STMicroelectronics ST72652C4T1 Datasheet HTML 129Page - STMicroelectronics ST72652C4T1 Datasheet HTML 130Page - STMicroelectronics ST72652C4T1 Datasheet HTML 131Page - STMicroelectronics ST72652C4T1 Datasheet HTML 132Page - STMicroelectronics ST72652C4T1 Datasheet HTML 133Page - STMicroelectronics ST72652C4T1 Datasheet HTML 134Page - STMicroelectronics ST72652C4T1 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 166 page
background image
ST7265x
131/166
OPERATING CONDITIONS (Cont’d)
13.3.2 Operating Conditions with Low Voltage Detector (LVD)
Subject to general operating conditions for VDD, fOSC, and TA.
Notes:
1. LVD typical data are based on TA=25°C. They are given only as design guidelines and are not tested.
2. Not tested, guaranteed by construction.
3. The VDD rise time condition is needed to insure a correct device power-on and LVD reset. Not tested in production.
13.3.3 Power Supply Manager Characteristics
Subject to general operating conditions for VDD, fOSC, and TA. Not guaranteed on LVD devices (without E
suffix).
1. Not tested, guaranteed by construction.
13.3.4 Storage Device Supply Characteristics
Subject to general operating conditions for VDD, fOSC, and TA.
Note: In Stand-alone mode VDDF must be connected to VDD
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIT+
Reset release threshold
(VDD rise)
2.9
3.5
3.8
V
VIT-
Reset generation threshold
(VDD fall)
2.6
3.1
3.5
Vhys
LVD voltage threshold hysteresis
VIT+-VIT-
150
300
mV
fCUTOFF
LVD filter cut-off frequency 2)
Not detected by the LVD
10
MHz.
VtPOR
VDD rise time
3)
0.3
10
ms
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
USBVIT+
Reset release threshold
(VDD rise)
3.50
3.80
4.00
V
USBVIT-
Reset generation threshold
(VDD fall)
3.30
3.65
3.80
USBVhys
USB voltage threshold hysteresis
USBVIT+-USBVIT-
100
200
300
mV
VPLLmin48
Minimum voltage required for stable
48MHz PLL operation (PLL locked)
3.7 1)
V
VPLLmin40
Minimum voltage required for
40MHz PLL operation (PLL un-
locked)
3.4 1)
V
VPLLmin24
Minimum voltage required for
24MHz PLL operation (PLL un-
locked)
3.0 1)
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDF
Voltage output for external storage
device (Iload max = 50mA)
USB Mode: VSET[1:0]=11
2.5
2.8
3.2
V
10
2.9
3.3
3.6
01
3.0
3.4
3.8
00
3.1
3.5
3.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com