Electronic Components Datasheet Search
  English  ▼

X  

ST72652C4T1 Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST72652C4T1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652C4T1 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST72652C4T1 Datasheet HTML 155Page - STMicroelectronics ST72652C4T1 Datasheet HTML 156Page - STMicroelectronics ST72652C4T1 Datasheet HTML 157Page - STMicroelectronics ST72652C4T1 Datasheet HTML 158Page - STMicroelectronics ST72652C4T1 Datasheet HTML 159Page - STMicroelectronics ST72652C4T1 Datasheet HTML 160Page - STMicroelectronics ST72652C4T1 Datasheet HTML 161Page - STMicroelectronics ST72652C4T1 Datasheet HTML 162Page - STMicroelectronics ST72652C4T1 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 166 page
background image
ST7265x
159/166
15 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in user pro-
grammable versions (FLASH) as well as in factory
coded versions (ROM). FLASH devices are
shipped to customers with a default content (FFh),
while ROM factory coded parts contain the code
supplied by the customer. This implies that FLASH
devices have to be configured by the customer us-
ing the Option Bytes while the ROM devices are
factory-configured.
15.1 OPTION BYTE
The option byte allows the hardware configuration
of the microcontroller to be selected.
The option byte has no address in the memory
map and can be accessed only in programming
mode (for example using a standard ST7 program-
ming tool). The default content of the FLASH is
fixed to FFh. This means that all the options have
“1” as their default value.
In masked ROM devices, the option byte is fixed in
hardware by the ROM code (see option list)
OPT7 = Reserved. Must be kept at 1.
OPT6 = PE5PU
I/O Port PE5 Pull-up Option
This option bit determines if a pull-up is connected
on Port E5.
0: Pull up present on PE5
1: No pull-up on PE5
When PE5PU=00:
– For input, software can enable or disable the
pull-up by programming PEOR.5 and PED-
DR.5=0.
– For output, the pull-up is enabled when Open
Drain is selected by programming PEOR.5= and
PEDDR.5=1.
Refer to the following table.
OPT5:4 = PSMOD[1:0]
Power Supply Mode
These option bits configure the power supply
mode.
OPT3 = Reserved. Must be kept at 1.
OPT2= WDG SW
Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT1 = USBEN
0: USBEN alternate function disabled. Port F4 is
free for general purpose I/O
1: USBEN alternate function enabled on Port F4
(function controlled by hardware)
OPT0= FMP_R
Flash memory read-out protection
This option indicates if the user flash memory is
protected against read-out piracy. This protection
is based on read and a write protection of the
memory in test modes and IAP. Erasing the option
bytes when the FMP_R option is selected will
cause the whole user memory to be erased first,
and the device can be reprogrammed. Refer to the
ST7 Flash Programming Reference Manual and
section 4.4 on page 22 for more details.
0: Read-out protection enabled
1: Read-out protection disabled
70
-
PE5
PU
PS
MOD
1
PS
MOD
0
-
WDG
SW
USB
EN
FMP_
R
Configuration
PE5PU
OPTION
PEOR.5
PEDDR.5
Input floating
0
00
Output Open Drain
with Pull-up
01
Input with pull-up
1
0
Output push pull
1
1
Input floating
1
00
Output Open Drain
0
1
Input floating
1
0
Output push pull
1
1
Mode
OPT5
OPT4
Stand-alone mode forced
0
0
Dual Supply (normal) Mode
x
1
USB mode forced
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com