Electronic Components Datasheet Search
  English  ▼

X  

ST72652C4T1 Datasheet(PDF) 160 Page - STMicroelectronics

Part # ST72652C4T1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652C4T1 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button ST72652C4T1 Datasheet HTML 156Page - STMicroelectronics ST72652C4T1 Datasheet HTML 157Page - STMicroelectronics ST72652C4T1 Datasheet HTML 158Page - STMicroelectronics ST72652C4T1 Datasheet HTML 159Page - STMicroelectronics ST72652C4T1 Datasheet HTML 160Page - STMicroelectronics ST72652C4T1 Datasheet HTML 161Page - STMicroelectronics ST72652C4T1 Datasheet HTML 162Page - STMicroelectronics ST72652C4T1 Datasheet HTML 163Page - STMicroelectronics ST72652C4T1 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 166 page
background image
ST7265x
160/166
15.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM contents.
The ROM contents are to be sent on diskette, or
by electronic means, with the hexadecimal file in
.S19 format generated by the development tool.
All unused bytes must be set to FFh.
The customer code should be communicated to
STMicroelectronics with the correctly completed
OPTION LIST appended.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Figure 110. Sales Type Coding Rules 2)
Table 38. Ordering Information
Note 1. /xxx stands for the ROM code name assigned by STMicroelectronics
Note 2. Devices with E Suffix have no embedded LVD
ST 7265
1 AR 6 T 1 E / xxx
Family (ROM, FLASH, FASTROM)
Product Line (1,2,3 ...)
Number of pins
ROM size
Package
Temperature Range
No LVD option
ROM Code (three letters)
E= without LVD (external
reset needed)
0= 25°C
T=Thin Quad Flat Pack
6=32K
AR = 64 pins
(TQFP64 (10X10))
No letter = with LVD
1= Standard (0 to +70°C)
M=Small Outline Package
4=16K C=48 pins
L=34 pins
Sales Type 1) 2)
Program
Memory (bytes)
User
RAM
(bytes)
Package
Operating Voltage
ST72F651AR6T1
32K FLASH
5K
TQFP 64 (10X10)
4.0V-5.5V
ST72651AR6T1/xxx
32K ROM
5K
ST72652AR4T1/xxx
16K ROM
512
ST72652C4T1/xxx
16K ROM
512
TQFP48
ST72652L4M1/xxx
16K ROM
512
SO34
ST72F651AR6T1E
32K FLASH
5K
TQFP 64 (10X10)
3.0V-5.5V
ST72651AR6T1E/xxx
32K ROM
5K
2.7V-5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com