Electronic Components Datasheet Search
  English  ▼

X  

CMP-5247TF-K Datasheet(PDF) 3 Page - CUI INC

Part # CMP-5247TF-K
Description  electret condenser microphone
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CMP-5247TF-K Datasheet(HTML) 3 Page - CUI INC

  CMP-5247TF-K Datasheet HTML 1Page - CUI INC CMP-5247TF-K Datasheet HTML 2Page - CUI INC CMP-5247TF-K Datasheet HTML 3Page - CUI INC CMP-5247TF-K Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
page
date
DESCRIPTION: electret condenser microphone
3 of 4
06/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CMP-5247TF-K
ENVIRONMENT TEST
item
test condition
high temp. test
After being placed in a chamber at +70°C for
72 hours.
low temp. test
After being placed in a chamber at -20°C for
72 hours.
humidity test
After being placed in a chamber at +40°C and
90±5% relative humidity for 240 hours.
temp. cycle test
The part shall be subjected to 10 cycles. One
cycle will consist of:
evaluation standard
The part will be measured after
being placed at +25°C for 6
hours. After any tests, the
sensitivity should be within ±3dB
compared to the initial
measurement.
MECHANICAL CHARACTERISTICS
item
test condition
soldering heat resistance
Soldering iron of 270 ±5°C should be placed on
the terminal for 2 ±0.5 seconds.
PCB wire pull strength
The pull force will be applied to double lead
wire:
Horizontal 4.9N (0.5kg) for 30 seconds
vibration
The part will be measured after applying a
vibration amplitude of 1.5 mm with 10 to 55 Hz
band of vibration frequency to each of the
3 perpendicular directions for 2 hours.
drop test
The part will be dropped from a height of
1 m onto a 20 mm thick wooden board 3 times
in 3 axes (X, Y, Z) for a total of 9 drops.
evaluation standard
No interference in operation.
No damage or cutting off.
After any tests, the sensitivity
should be within ±3dB compared
to the initial measurement.
TEST CONDITIONS
standard test condition
a) temperature: +5 ~ +35°C
b) humidity: 45 - 85%
c) pressure: 860-1060 mbar
judgement test condition
a) temperature: +25 ±2°C
b) humidity: 60 - 70%
c) pressure: 860-1060 mbar



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com