Electronic Components Datasheet Search
  English  ▼

X  

CMP-5247TF-K Datasheet(PDF) 1 Page - CUI INC

Part # CMP-5247TF-K
Description  electret condenser microphone
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CMP-5247TF-K Datasheet(HTML) 1 Page - CUI INC

  CMP-5247TF-K Datasheet HTML 1Page - CUI INC CMP-5247TF-K Datasheet HTML 2Page - CUI INC CMP-5247TF-K Datasheet HTML 3Page - CUI INC CMP-5247TF-K Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
page
date
DESCRIPTION: electret condenser microphone
1 of 4
06/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CMP-5247TF-K
SPECIFICATIONS
directivity
noise-canceling
sensitivity (S)
-47 ±3 db
f = 1KHz, 1Pa 0dB = 1V/Pa
sensitivity reduction (
ΔS-Vs)
-3 dB
f = 1KHz, 1Pa Vs = 1.5 ~ 1.0 V dc
operating voltage
1.5 V dc (standard), 10 V dc (max.)
output impedance (Zout)
680
Ω
f = 1KHz, 1Pa
operating frequency (f)
100 ~ 20,000 Hz
current consumption (IDSS)
0.5 mA max.
Vs = 1.5 V dc RL = 680
Ω
signal to noise ratio (S/N)
58 dBA
f = 1KHz, 1Pa A-weighted
operating temperature
-20 ~ +70° C
storage temperature
-20 ~ +70° C
dimensions
ø9.7 x 5.2 mm
weight
0.75 g max.
material
Al
terminal
terminal type (hand soldering only)
RoHS
yes
note:
We use the “Pascal (Pa)” indication of sensitivity as per the recomendation of I.E.C. (International
Electrotechnical Commission). The sensitivity of “Pa” will increase 20dB compared to the “ubar”
indication. Example: -60dB (0dB = 1V/ubar) = -40dB (1V/Pa)
APPEARANCE DRAWING
0.2
5.2
9.7 0.2
terminal 2
terminal 1
tolerances not shown: ±0.3mm


Similar Part No. - CMP-5247TF-K

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CMP-5247TF-K CUID-CMP-5247TF-K Datasheet
619Kb / 4P
ELECTRET CONDENSER MICROPHONE
08/05/2022
More results

Similar Description - CMP-5247TF-K

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
ELECTRET CONDENSER MICROPHONE
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
Electret Condenser Microphone
EM6027S SOBERTON-EM6027S Datasheet
399Kb / 5P
Electret Condenser Microphone
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com