Electronic Components Datasheet Search
  English  ▼

X  

STA015B Datasheet(PDF) 34 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 30Page - STMicroelectronics STA015B Datasheet HTML 31Page - STMicroelectronics STA015B Datasheet HTML 32Page - STMicroelectronics STA015B Datasheet HTML 33Page - STMicroelectronics STA015B Datasheet HTML 34Page - STMicroelectronics STA015B Datasheet HTML 35Page - STMicroelectronics STA015B Datasheet HTML 36Page - STMicroelectronics STA015B Datasheet HTML 37Page - STMicroelectronics STA015B Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
The STA015 contains 56 consecutive 8-bit regis-
ters corresponding to the maximum number of
ancillary data that may be contained in MPEG
frame. The ANCCOUNT_L and ANCOUNT_H
registers contain the number of ancillary data bits
available within the current MPEG frame.
To perform ancillary data reading a status regis-
ter (0xB6 - INTERRUPT_STATUS_REGISTER)
is available: bit 0 of this register should be polled
by the microcontroller in order to understand
when new data are available.
0x7E
ANC_DATA_1
----
---------
----
---------
----
---------
----
---------
0xB5
ANC_DATA_56
0xB6
ISR
5.3. I/O CELL DESCRIPTION (pinout relative to TQFP44 package)
1) CMOS Tristate Output Pad Buffer, 4mA, with Slew Rate Control / Pin numbers 2, 4, 13, 27, 33, 42, 44
EN
A
D98AU904
Z
OUTPUT PIN
MAX LOAD
Z
100pF
2) CMOS Bidir Pad Buffer, 4mA, with Slew Rate Control / Pin numbers 3, 31
EN
A
D98AU905
ZI
IO
INPUT PIN CAPACITANCE
OUTPUT
PIN
MAX
LOAD
IO
5pF
IO
100pF
3) CMOS Inpud Pad Buffer / Pin numbers 24, 26, 32, 34, 36, 40
A
D98AU906
Z
INPUT PIN
CAPACITANCE
A
3.5pF
4) CMOS Inpud Pad Buffer with Active Pull-Up / Pin numbers 22, 25, 28, 38
A
D98AU907
Z
INPUT PIN
CAPACITANCE
A
3.5pF
5) CMOS Schmitt Trigger Bidir Pad Buffer with active Pull-up, 4mA, with slew rate control /
Pin numbers 14, 16, 18, 20, 35, 37, 39, 41, 43
EN
A
D00AU1150
ZI
IO
INPUT PIN CAPACITANCE
OUTPUT
PIN
MAX
LOAD
IO
5pF
IO
100pF
STA015-STA015B-STA015T
34/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com