Electronic Components Datasheet Search
  English  ▼

X  

STA015B Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 32Page - STMicroelectronics STA015B Datasheet HTML 33Page - STMicroelectronics STA015B Datasheet HTML 34Page - STMicroelectronics STA015B Datasheet HTML 35Page - STMicroelectronics STA015B Datasheet HTML 36Page - STMicroelectronics STA015B Datasheet HTML 37Page - STMicroelectronics STA015B Datasheet HTML 38Page - STMicroelectronics STA015B Datasheet HTML 39Page - STMicroelectronics STA015B Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
SDI
SCKR
IGNORED
VALID
IGNORED
t_biten
t_biten
tsdi_hold
tsdi_setup
D98AU971A
tsckr_min_high
BIT_EN
SCLK_POL=0
tsckr_min_low
tsckr_min_period
5.4.2. Bitstream input interface (SDI, SCKR, BIT_EN) SCL_POL = 0
tsdi_setup_min = 2ns
tsdi_hold_min = 3ns
tsckr_min_hi = 10ns
tsckr_min_low = 10ns
tsckr_min_lperiod = 50ns
t_biten (min) = 2ns
SRC_INT
D98AU972
t_src_hi
t_src_low
5.4.3. SRC_INT
This is an asynchronous input used in ”broadcast’ mode.
SRC_INT is active low
t_src_low min duration is 50ns (1DSP clock period)
t_src_high min duration is 50ns (1DSP clock period)
XTI (INPUT)
XTO
CLK_OUT
txto
tclk_out
D98AU973
thi
tlo
5.4.4. XTI,XTO and CLK_OUT timings
txto = 1.40 + pad_timing (Cload_XTO) ns
tclk_out = 4 + pad_timing (Cload_CLK_OUT) ns
Note: In ”multimedia” mode, the CLK_OUT pad is DATA_REQ. In that case, no timing is given between th e XTI input and this pad.
SDI
SCKR
IGNORED
IGNORED
VALID
IGNORED
t_biten
t_biten
tsdi_hold
tsdi_setup
D99AU1038
tsckr_min_high
BIT_EN
SCLK_POL=4
tsckr_min_low
tsckr_min_period
5.4.2. Bitstream input interface (SDI, SCKR, BIT_EN) SCL_POL = 1
STA015-STA015B-STA015T
36/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44