Electronic Components Datasheet Search
  English  ▼

X  

STA5100 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA5100
Description  140W MONO BASH POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5100 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA5100 Datasheet HTML 6Page - STMicroelectronics STA5100 Datasheet HTML 7Page - STMicroelectronics STA5100 Datasheet HTML 8Page - STMicroelectronics STA5100 Datasheet HTML 9Page - STMicroelectronics STA5100 Datasheet HTML 10Page - STMicroelectronics STA5100 Datasheet HTML 11Page - STMicroelectronics STA5100 Datasheet HTML 12Page - STMicroelectronics STA5100 Datasheet HTML 13Page - STMicroelectronics STA5100 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
STA5100
Figure 4. Power protection threshold
Figure 5. Protection current behaviour
10
0
4
6
2
12
8
10
20
30 34 40
50
Vds(V)
Ids(mA)
D01AU1303
Ilim=12A
Pd_Max=96W
Standby
Normal
Operation
Pd_reg=50W
on
20
10
20
40
60
80
100
120
Pd(W)
Iprot(mA)
D01AU1304
Iprot slope=0.4mA/W
Figure 6. Test and Application Circuit
INPUT1
IN_PRE
OUT_PRE
OUTP
OUTP
STBY/
MUTE
TRK
PWR_INP
ATT_REL
CD+P
CD+
CD+
CD+N
R1
R3
R10
R11
R16
C2
C8
C4
C12
C1
R14
R13
5V
OUTP
R15
MUTE
STBY
C9
C3
R2
R5
R4
R6
+VS
+VS
-VS
-VS
-VS
GND
R15
R14
C9
D1
C10
C11
C6
C7
CD-N
TRK-OUT
PROT
THRESH
PROT
THRESH
TRK-OUT
CD-P
CD-
R13
R12
OUTN
OUTN
D01AU1305
8
910
7
4
5
24
11
23
3
6
15
22
14
13
27
1
26
2
16
12
17
OUTN
STA5100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com