Electronic Components Datasheet Search
  English  ▼

X  

STA5100 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA5100
Description  140W MONO BASH POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5100 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA5100 Datasheet HTML 6Page - STMicroelectronics STA5100 Datasheet HTML 7Page - STMicroelectronics STA5100 Datasheet HTML 8Page - STMicroelectronics STA5100 Datasheet HTML 9Page - STMicroelectronics STA5100 Datasheet HTML 10Page - STMicroelectronics STA5100 Datasheet HTML 11Page - STMicroelectronics STA5100 Datasheet HTML 12Page - STMicroelectronics STA5100 Datasheet HTML 13Page - STMicroelectronics STA5100 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
STA5100
12/14
EXTERNAL COMPONENTS
Note: Vcontrol is the voltage at Att_Rel pin.
Name
Function
Value
Formula
Ri
R1
Input resistor
10K
Ω
(|G| = 5, Rr = 50K
Ω)
Rr
R2
Feedback resistor
50K
Ω
(|G| = 5, Ri = 10K
Ω
Cac
C1
AC Decoupling capacitor
100nF
(fp = 16Hz,
Rac =100K
Ω )
Cct
C2
Capacitor for the attack time
2.2
µF
(Tattack = 13mSec,
Vcontrol = 9V,
Ict = 1.5mA)
R3
Release constant time Resistor
470K
Ω
(t = 1 Sec. ,
Cct = 2.2
µF )
R4
Resistor for tracking input voltage
filter
10K
Ω
R5
Resistor for tracking input voltage
filter
56K
Ω
R6
Resistor for tracking input voltage
filter
10K
Ω
C3
Capacitor for Tracking input
voltage filter
1nF
C4
Dc decoupling capacitor
1
µF
R7
Bias Resistor for Stby/Mute
function
10K
Ω
R8
Stby/Mute constant time resistor
30K
Ω
R9
Mute resistor
30K
Ω
C5
Capacitor for Stby/Mute resistor
2.2
µF
R10 = R11
Sensing resistor for SOA detector
60m
Ω
5% 4W
R12
Conversion resistor for threshold
voltage
100K
Ω
C6 = C7
Power supply filter capacitor
100nF
R15 = R16
Centering resistor
400
Ω , 1W
C8 = C9
Tracking rail power supply filter
680nF
R13
Protection
1K
Ω
R14
TRK_out
40K
Ω
C10 = C11
Power supply filter capacitor
470
µF , 63V
C12
Feedback capacitor
100pF
D1
Schottky diode
SB360
R
i
Rr
G
-------
=
Rr
G
Rr
⋅
=
Cac
1
2
π fp Rac
⋅⋅
---------------------------------
=
Cct
attack
Ict
Vcontrol
-------------------------
=
Rct
τ
Cct
---------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com