Electronic Components Datasheet Search
  English  ▼

X  

MES9 Datasheet(PDF) 3 Page - CUI INC

Part # MES9
Description  incremental encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MES9 Datasheet(HTML) 3 Page - CUI INC

  MES9 Datasheet HTML 1Page - CUI INC MES9 Datasheet HTML 2Page - CUI INC MES9 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Cable Color
Red
Power
SPECIFIED
A
±0.3mm UNLESS OTHERWISE
TOLERANCE:
White
A-Phase
Green
Website: www.cui.com
RoHS
-
-
-
-
-
-
0V
Black
Z-Phase
Yellow
B-Phase
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Output Type
MES9
Incremental Encoder
2:1
BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
MES9
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
JMS
COPYRIGHT 2007
REV:
5-AWG30
L=140
10.0 0.394
20.0 0.787
REV.
DESCRIPTION
DATE
A
NEW DRAWING
7/27/2007
2-M2 depth 4 equal
arrangement, PCD=10
+0.000
0.000
1.5
- 0.009
+0.005
0.059
-
13.0 0.512



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com