Electronic Components Datasheet Search
  English  ▼

X  

MES9 Datasheet(PDF) 1 Page - CUI INC

Part # MES9
Description  incremental encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MES9 Datasheet(HTML) 1 Page - CUI INC

  MES9 Datasheet HTML 1Page - CUI INC MES9 Datasheet HTML 2Page - CUI INC MES9 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
DESCRIPTION: incremental encoder
1 of 3
08/08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: MES9
ELECTRICAL SPECIFICATIONS
output waveform
Square Wave
output signals
A, B, Z phase
current consumption
≤40 mA
frequency response
0~100 KHz
output phase difference
A, B phase difference 90° ± 45°
(T/4±T/8) Z phase T±T/2 (see output waveform)
supply voltage
5 V dc ± 10%
output resolution (ppr)
100, 200, 256, 300, 360, 500, 1000
waveform rise/fall time
2
µ or less (output cable 140mm or less)
MECHANICAL SPECIFICATIONS
max shaft load, radial:
1.9N (200gf)
0.98N (100gf) (1000 ppr)
axial:
1.9N (200gf)
0.98N (100gf) (1000 ppr)
starting torque
1 x 10-3 Nm (10 gf·cm)
max rotational speed
6000 RPM
shock resistance
500 m/s2 (50G), 3 times each on XYZ
vibration proof
55 Hz, double amplitude 1.5mm, 2 hours each on XYZ
weight
10g (with 140mm cable)
cable
Vinyl wire (AWG30) cable length 140mm
ENVIRONMENTAL SPECIFICATIONS
operating temp
0° to +60° C
storage temp
-20° to +80° C
humidity
RH 35%~90% non collecting
ORDERING INSTRUCTIONS
MES9 - XXXPX
Output Circuit:
" " = Voltage output
C = Open collector output
Resolution (PPR):
100 = 100CPR
300 = 300 PPR
200 = 200CPR
360 = 360 PPR
256 = 256CPR
500 = 500 PPR
1000 = 1000 PPR


Similar Part No. - MES9

ManufacturerPart #DatasheetDescription
logo
RFE international
MES RFE-MES Datasheet
1Mb / 8P
Miniature Metallized Polyester Film Capacitor MES Series: Self Healing, Wide Voltage Range
22-SEP-2023
logo
PATLITE CORPORATION.
MES-102A PATLITE-MES-102A Datasheet
515Kb / 2P
LED Signal Light
Rev. H
MES-202A PATLITE-MES-202A Datasheet
515Kb / 2P
LED Signal Light
Rev. H
MES-302A PATLITE-MES-302A Datasheet
515Kb / 2P
LED Signal Light
Rev. H
MES-402A PATLITE-MES-402A Datasheet
515Kb / 2P
LED Signal Light
Rev. H
More results

Similar Description - MES9

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16_10 Datasheet
226Kb / 3P
Incremental Encoder
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com