Electronic Components Datasheet Search
  English  ▼

X  

VED15 Datasheet(PDF) 2 Page - CUI INC

Part # VED15
Description  wide input DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VED15 Datasheet(HTML) 2 Page - CUI INC

  VED15 Datasheet HTML 1Page - CUI INC VED15 Datasheet HTML 2Page - CUI INC VED15 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: wide input DC/DC converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VED15 series
INPUT
input voltage range
12V 9-18V
24V 18-36V
48V 36-72V
input filter
PI Type
OUTPUT
voltage accuracy
single output
±1.0% max.
dual +output
±1.0% max.
-output
±3.0% max.
triple, 5V
±2.0% max.
12V/15V
±3.0% max.
voltage balance (dual)
±1.0%max
transient response: 25% step load change
<500µ sec.
dual, FL-1/2±1% error band
<500µ sec.
external trim adj. range
±10%
ripple & noise
20MHz BW
10mV RMS., max
75mV pk-pk., max
temperature coefficient
±0.02%/°C
short circuit protection
continuous
line regulation1
single/dual
±0.2% max.
triple
±1.0% max.
load regulation2
single/dual
±1.0% max.
triple
±5.0% max.
GENERAL SPECIFICATIONS
efficiency
see table
isolation voltage
500VDC min.
isolation resistance
109 Ohm min.
switching frequency
200KHz, Type
operating temperature range
-25°C to +71°C
case temperature
100°C max.
storage temperature
-55°C to +105°C
cooling
free air convection
EMI/RFI
six sided continuous shield
dimensions
2.56x3.0x0.83 inches
(65x76.2x21.1mm)
case material
black coated copper with non-
conductive base
NOTES:
1. measured from high line to low line
2. measured from full load to 1/4 load



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com