Electronic Components Datasheet Search
  English  ▼

X  

VED15 Datasheet(PDF) 1 Page - CUI INC

Part # VED15
Description  wide input DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VED15 Datasheet(HTML) 1 Page - CUI INC

  VED15 Datasheet HTML 1Page - CUI INC VED15 Datasheet HTML 2Page - CUI INC VED15 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: wide input DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VED15 series
features
·15W isolated output
·efficiency to 84%
·200KHz switching frequency
·2:1 input range
·six sided shield
·remote ON/OFF control
model
input
output
output
input current
number
voltage
voltage
current
no load
full load
efficiency
VED15-D12-S5
9-18VDC
5VDC
3000mA
20mA
1700mA
77%
VED15-D12-S12
9-18VDC
12VDC
1250mA
20mA
1600mA
78%
VED15-D12-S15
9-18VDC
15VDC
1000mA
20mA
1600mA
78%
VED15-D12-D12
9-18VDC
±12VDC
±625mA
35mA
1520mA
82%
VED15-D12-D15
9-18VDC
±15VDC
±500mA
35mA
1520mA
82%
VED15-D12-T512
9-18VDC
5/±12VDC
1500/±310mA
30mA
1600mA
78%
VED15-D12-T515
9-18VDC
5/±15VDC
1500/±250mA
30mA
1600mA
78%
VED15-D12-T5125
9-18VDC
+5/+12/-5VDC
1500/310/500mA
30mA
1470mA
78%
VED15-D24-S5
18-36VDC
5VDC
3000mA
25mA
810mA
77%
VED15-D24-S12
18-36VDC
12VDC
1250mA
25mA
780mA
80%
VED15-D24-S15
18-36VDC
15VDC
1000mA
25mA
780mA
80%
VED15-D24-D12
18-36VDC
±12VDC
±625mA
25mA
750mA
84%
VED15-D24-D15
18-36VDC
±15VDC
±500mA
25mA
750mA
84%
VED15-D24-T512
18-36VDC
5/±12VDC
1500/±310mA
25mA
780mA
80%
VED15-D24-T515
18-36VDC
5/±15VDC
1500/±250mA
25mA
780mA
80%
VED15-D24-T5125
18-36VDC
+5/+12/-5VDC
1500/310/500mA
25mA
715mA
80%
VED15-D48-S5
36-72VDC
5VDC
3000mA
10mA
410mA
77%
VED15-D48-S12
36-72VDC
12VDC
1250mA
10mA
390mA
80%
VED15-D48-S15
36-72VDC
15VDC
1000mA
10mA
390mA
80%
VED15-D48-D12
36-72VDC
±12VDC
±625mA
15mA
380mA
82%
VED15-D48-D15
36-72VDC
±15VDC
±500mA
15mA
380mA
82%
VED15-D48-T512
36-72VDC
5/±12VDC
1500/±310mA
15mA
380mA
82%
VED15-D48-T515
36-72VDC
5/±15VDC
1500/±250mA
15mA
380mA
82%
VED15-D48-T5125
36-72VDC
+5/+12/-5VDC
1500/310/500mA
15mA
350mA
82%


Similar Part No. - VED15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
VED30-D12-D12 CUI-VED30-D12-D12 Datasheet
203Kb / 3P
DC-DC Converters
VED30-D12-D15 CUI-VED30-D12-D15 Datasheet
203Kb / 3P
DC-DC Converters
VED30-D12-S12 CUI-VED30-D12-S12 Datasheet
203Kb / 3P
DC-DC Converters
VED30-D12-S15 CUI-VED30-D12-S15 Datasheet
203Kb / 3P
DC-DC Converters
More results

Similar Description - VED15

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
logo
Toppower Electronic Tec...
TP05DA TOPPOWER-TP05DA Datasheet
201Kb / 4P
5W Wide Input Voltage DC/DC Converter
logo
MORNSUN Science& Techno...
VRB2405LD-15WR3 MORNSUN-VRB2405LD-15WR3 Datasheet
3Mb / 8P
15W, wide input, isolated & regulated DC/DC converter
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
3W - Wide Input - Isolated & Regulated DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com