Electronic Components Datasheet Search
  English  ▼

X  

V53C16258HT40 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V53C16258HT40
Description  HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258HT40 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V53C16258HT40 Datasheet HTML 1Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
MOSEL VITELIC
V53C16258H
V53C16258H Rev. 3.8 November 1999
Absolute Maximum Ratings*
Ambient Temperature
Under Bias ..................................... –10
°C to +80°C
Storage Temperature (plastic) ..... –55
°C to +125°C
Voltage Relative to VSS .................–1.0 V to +7.0 V
Data Output Current ..................................... 50 mA
Power Dissipation .......................................... 1.0 W
*Note: Operation above Absolute Maximum Ratings can
adversely affect device reliability.
Capacitance*
TA = 25°C, VCC = 5 V ± 10%, VSS = 0 V
* Note: Capacitance is sampled and not 100% tested
Symbol
Parameter
Typ.
Max.
Unit
CIN1
Address Input
3
4
pF
CIN2
RAS, CAS, WE, OE
4
5
pF
COUT
Data Input/Output
5
7
pF
Block Diagram
A0
A1
A7
A8
SENSE AMPLIFIERS
REFRESH
COUNTER
VCC
VSS
9
I/O 1
X0 -X
512
MEMORY
ARRAY
256K x 16
COLUMN DECODERS
DATA I/O BUS
Y0 -Y8
512 x 16
I/O
BUFFER
I/O2
I/O3
I/O4
OE CLOCK
GENERATOR
WE CLOCK
GENERATOR
CAS CLOCK
GENERATOR
RAS CLOCK
GENERATOR
OE
WE
LCAS
RAS
•
•
•
8
I/O 5
I/O6
I/O7
I/O8
I/O 9
I/O10
I/O11
I/O12
I/O 13
I/O14
I/O15
I/O16
UCAS
256K x 16
16258H-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com